Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89020 Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # AS89020
Description  4-channel, current input 12 bit analog-to-digital converter (ADC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89020 Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button AS89020 Datasheet HTML 3Page - ams-OSRAM AG AS89020 Datasheet HTML 4Page - ams-OSRAM AG AS89020 Datasheet HTML 5Page - ams-OSRAM AG AS89020 Datasheet HTML 6Page - ams-OSRAM AG AS89020 Datasheet HTML 7Page - ams-OSRAM AG AS89020 Datasheet HTML 8Page - ams-OSRAM AG AS89020 Datasheet HTML 9Page - ams-OSRAM AG AS89020 Datasheet HTML 10Page - ams-OSRAM AG AS89020 Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
ams.com
db09284e_V3.01_preliminary_2017-07-06
Page 5 of 30
AS89020
V3.01
PARAMETER
NAME
MIN
TYP
MAX
UNIT
CONDITION
Input High Level
VIH
0.7*VDD
V
Input Low Level
VIL
0.3*VDD
V
Input Hysteresis
VHYST
0.3*VDD
V
Pin CONVN
VDD = 3.3 V
Output High Level
VOH
0.8*VDD
V
ILoad = 1.0 mA
Output Low Level
VOL
0.4
V
ILoad = 1.0 mA
SPI Clock Frequency
fSCLK
0.5
10
16
MHz
up to 10 MHz is re-
commended for
12 Bit accuracy
SPI Setup Time SDI
tSDIS
30
ns
SPI Setup Time CSN
tCSNS
30
2500
ns
min. 2.5 µs is
recommended for
12 Bit accuracy
SPI Hold Time SDI
tSDIH
30
ns
SPI Hold Time CSN
tCSNH
30
ns
SPI Pulse Width CSN
tCSNPW
62.5
ns
Tracking Time3
tTRACK
6
10
µs
Pause Time4
TPAUSESCLK
1/fSCLK
s
recommended for
12 Bit accuracy
Figure 1: SPI Timing
3 The time between two subsequent conversions where bit TRACK = ‚1’ (see 5.2
4 The recommended pause time between two bytes of channel data during the conversation in the measurement state
SCLK
CSN
SDI
tSDIS
tCSNS
tSDIH
BIT5
BIT6
BIT7
tCSNH
BIT7
BIT6
BIT0
BIT1
BIT2
BIT3
BIT4
tCSNPW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com