Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89020 Datasheet(PDF) 8 Page - ams-OSRAM AG

Part # AS89020
Description  4-channel, current input 12 bit analog-to-digital converter (ADC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89020 Datasheet(HTML) 8 Page - ams-OSRAM AG

Back Button AS89020 Datasheet HTML 4Page - ams-OSRAM AG AS89020 Datasheet HTML 5Page - ams-OSRAM AG AS89020 Datasheet HTML 6Page - ams-OSRAM AG AS89020 Datasheet HTML 7Page - ams-OSRAM AG AS89020 Datasheet HTML 8Page - ams-OSRAM AG AS89020 Datasheet HTML 9Page - ams-OSRAM AG AS89020 Datasheet HTML 10Page - ams-OSRAM AG AS89020 Datasheet HTML 11Page - ams-OSRAM AG AS89020 Datasheet HTML 12Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ams.com
db09284e_V3.01_preliminary_2017-07-06
Page 6 of 30
AS89020
V3.01
2.3 Electrical Characteristics
Table 3: Specifications; VSSA = VSS = 0 V; VDDA = VDD = 2.7 V to 3.6 V REXT = 200 kΩ; TAMB = –25 °C to 85 °C,
unless otherwise noted
PARAMETER
NAME
MIN
TYP
MAX
UNIT
CONDITION5
Supply Current
IVDD
10.5
mA
VDD = VDDA = 3.6 V
TAMB = 25°C
Power Down Supply Current
IPD
1
µA
OSR:PD = ,1’
and / or PDN = VSS
@ TAMB = 25°C
Input Current of Pull-Up
Pins: SCLK, SDI, CSN,
CONVN, PDN
IILPU
0.5
2
µA
VIN = VSS
11.4
12
13.2
SW_RX = ,00hex’
5.7
6
6.6
SW_RX = ,01hex’
2.85
3
3.3
SW_RX = ,02hex’
1.425
1.5
1.65
SW_RX = ,03hex’
712.5
750
825
SW_RX = ,04hex’
356.25
375
412.5
SW_RX = ,05hex’
178.125
187.5
206.25
SW_RX = ,06hex’
89.062
93.75
103.125
SW_RX = ,07hex’
44.531
46.875
51.563
SW_RX = ,08hex’
22.265
23.4375
25.782
SW_RX = ,09hex’
11.132
11.71875
12.891
SW_RX =
,0Ahex’ to ,0Fhex’
475
500
550
SW_RX =
,10hex’ to ,14hex’
237.5
250
275
SW_RX = ,15hex’
118.75
125
137.5
SW_RX = ,16hex’
59.375
62.5
68.75
SW_RX = ,17hex’
29.687
31.25
34.375
SW_RX = ,18hex’
14.843
15.625
17.188
SW_RX =
,19hex’ to ,1Fhex’
0.1
SW_RX = ,00hex’
0.2
SW_RX = ,01hex’
0.4
SW_RX = ,02hex’
0.8
SW_RX = ,03hex’
1.6
SW_RX = ,04hex’
3.2
SW_RX = ,05hex’
6.4
SW_RX = ,06hex’
12.8
SW_RX = ,07hex’
25.6
SW_RX = ,08hex’
5 For OSR:PD see 6.2 for SW_RX see 6.5
6 See also Table 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com