Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89020 Datasheet(PDF) 24 Page - ams-OSRAM AG

Part # AS89020
Description  4-channel, current input 12 bit analog-to-digital converter (ADC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89020 Datasheet(HTML) 24 Page - ams-OSRAM AG

Back Button AS89020 Datasheet HTML 20Page - ams-OSRAM AG AS89020 Datasheet HTML 21Page - ams-OSRAM AG AS89020 Datasheet HTML 22Page - ams-OSRAM AG AS89020 Datasheet HTML 23Page - ams-OSRAM AG AS89020 Datasheet HTML 24Page - ams-OSRAM AG AS89020 Datasheet HTML 25Page - ams-OSRAM AG AS89020 Datasheet HTML 26Page - ams-OSRAM AG AS89020 Datasheet HTML 27Page - ams-OSRAM AG AS89020 Datasheet HTML 28Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
ams.com
db09284e_V3.01_preliminary_2017-07-06
Page 22 of 30
AS89020
V3.01
6.7 Channel Order Register – CH_ORDER
The conversion and read out order of the four channels after every sampling can be programmed freely by
register CH_ORDER. Every channel address must be present one time.
Table 13: Register CH_ORDER – Address 0Ch
CH_ORDER
Name
Value [b]
Description
bit 7-6
1st
xx
address of channel to be converted and read 1st (default 00)
bit 5-4
2nd
xx
address of channel to be converted and read 2nd (default 01)
bit 3-2
3rd
xx
address of channel to be converted and read 3rd (default 10)
bit 1-0
4th
xx
address of channel to be converted and read 4th (default 11)
As an example for an order to read out channel 3, 2, 0 and 1 register CH_ORDER has to be set with the
value ,11100001b’.
6.8 Channel Output Data Format
The channel conversion result is always 2 bytes long and contains some status information (4 MSB) and
the 12 bit value of the ADC (see Table 14).
Table 14: Channel Output Data Format
Channel (Output) Data
Name
Description
bit 15–14
CHANNEL
return of channel address (,00b’ for IN0 until ,11b’ for
IN3)
bit 13
STARTSIG
shows the actually used sample signal
returns ,0’ for CSN and ,1’ for CONVN
bit 12
TR_ON
active only if STARTSIG = ,1’
returns a ,1’ if the CONVN sample signal came before
the start of conversion by CSN
bit 11–0
ADC
12 bit result of the AD conversion (bit 11 = MSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com