Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89020 Datasheet(PDF) 9 Page - ams-OSRAM AG

Part # AS89020
Description  4-channel, current input 12 bit analog-to-digital converter (ADC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89020 Datasheet(HTML) 9 Page - ams-OSRAM AG

Back Button AS89020 Datasheet HTML 5Page - ams-OSRAM AG AS89020 Datasheet HTML 6Page - ams-OSRAM AG AS89020 Datasheet HTML 7Page - ams-OSRAM AG AS89020 Datasheet HTML 8Page - ams-OSRAM AG AS89020 Datasheet HTML 9Page - ams-OSRAM AG AS89020 Datasheet HTML 10Page - ams-OSRAM AG AS89020 Datasheet HTML 11Page - ams-OSRAM AG AS89020 Datasheet HTML 12Page - ams-OSRAM AG AS89020 Datasheet HTML 13Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
ams.com
db09284e_V3.01_preliminary_2017-07-06
Page 7 of 30
AS89020
V3.01
PARAMETER
NAME
MIN
TYP
MAX
UNIT
CONDITION5
51.2
SW_RX = ,09hex’
102.4
SW_RX =
,0Ahex’ to ,0Fhex’
2.4
SW_RX =
,10hex’ to ,14hex’
4.8
SW_RX = ,15hex’
9.6
SW_RX = ,16hex’
19.2
SW_RX = ,17hex’
38.4
SW_RX = ,18hex’
76.8
SW_RX =
,19hex’ to ,1Fhex’
170
340
SW_RX = ,00hex’
100
210
SW_RX = ,01hex’
50
130
SW_RX = ,02hex’
40
80
SW_RX = ,03hex’
25
55
SW_RX = ,04hex’
15
35
SW_RX = ,05hex’
12
23
SW_RX = ,06hex’
8
15
SW_RX = ,07hex’
4
8
SW_RX = ,08hex’
2
4
SW_RX = ,09hex’
1.2
2.5
SW_RX =
,0Ahex’ to ,0Fhex’
20
40
SW_RX =
,10hex’ to ,14hex’
12
25
SW_RX = ,15hex’
10
20
SW_RX = ,16hex’
6
11
SW_RX = ,17hex’
3
5
SW_RX = ,18hex’
1.5
3
SW_RX =
,19hex’ to ,1Fhex’
Temperature Coefficient of
Overall Response
(TOP = -25 °C to 85 °C,
TCOMPENA = ,1’)
TC
50
100
ppm/K Temperature
Dependency of REXT
and Photodiodes not
included
Temperature Coefficient of
Transimpedance RX without
the internal Temperature
Compensation
(TOP = -20 °C to 85°C,
TCOMPENA = ,0’)
TCR
-4300
ppm/K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com