Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89020 Datasheet(PDF) 20 Page - ams-OSRAM AG

Part # AS89020
Description  4-channel, current input 12 bit analog-to-digital converter (ADC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89020 Datasheet(HTML) 20 Page - ams-OSRAM AG

Back Button AS89020 Datasheet HTML 16Page - ams-OSRAM AG AS89020 Datasheet HTML 17Page - ams-OSRAM AG AS89020 Datasheet HTML 18Page - ams-OSRAM AG AS89020 Datasheet HTML 19Page - ams-OSRAM AG AS89020 Datasheet HTML 20Page - ams-OSRAM AG AS89020 Datasheet HTML 21Page - ams-OSRAM AG AS89020 Datasheet HTML 22Page - ams-OSRAM AG AS89020 Datasheet HTML 23Page - ams-OSRAM AG AS89020 Datasheet HTML 24Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
ams.com
db09284e_V3.01_preliminary_2017-07-06
Page 18 of 30
AS89020
V3.01
Table 7: Addressable Register Space
ADDRESS
[HEX]
ACCESS7
NAME
NO. OF
SIGNIFICANT
BITS
DEFAULT
[HEX]
DESCRIPTION
00
wo
OSR
8
02
operational state register
01
–
–
–
–
reserved
02
ro
AGEN
8
40
API generation
03
–
–
–
–
reserved
04
–
–
–
–
reserved
05
–
–
–
–
reserved
06
rw
CREG
8
A0
configuration register
07
rw
SW_R0
6
01
transimpedance of channel 0
08
rw
SW_R1
6
01
transimpedance of channel 1
09
rw
SW_R2
6
01
transimpedance of channel 2
0A
rw
SW_R3
6
01
transimpedance of channel 3
0B
rw
CH_PD
4
0
channel Power Down
0C
rw
CH_
ORDER
8
1B
channel order for the conversion
0D
–
–
–
–
reserved
0E
–
–
–
–
reserved
0F
–
–
–
–
reserved
6.2 Operational State Register – OSR
The write-only register OSR controls the device operational state (DOS), the general Power Down mode
(PD) and the tracking behavior (TRACK) of the AS89020 according to Table 8. This register can be written
at any time, independently of the actual operational state. Please note, reading this register always returns
the value ,00h’ because the register is write-only.
Table 8: Register OSR – Address 00h
OPERATIONAL
STATE
REGISTER OSR
NAME
VALUE [B]
AFFECTED OPERATIONAL STATE
08
sample input signal or start the AD conversion
(active only in measurement state)
1
track input signal and stop AD conversion
(active only in measurement state)
08
nominal operation, no Power Down mode
1
activate Power Down mode
bit 5 to 3
-
-
reserved
7 ro – read-only, wo – write-only, rw – read-write, reading register with access write-only results in ,00h’
8 Default after power-on-reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com