Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89020 Datasheet(PDF) 28 Page - ams-OSRAM AG

Part # AS89020
Description  4-channel, current input 12 bit analog-to-digital converter (ADC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89020 Datasheet(HTML) 28 Page - ams-OSRAM AG

Back Button AS89020 Datasheet HTML 24Page - ams-OSRAM AG AS89020 Datasheet HTML 25Page - ams-OSRAM AG AS89020 Datasheet HTML 26Page - ams-OSRAM AG AS89020 Datasheet HTML 27Page - ams-OSRAM AG AS89020 Datasheet HTML 28Page - ams-OSRAM AG AS89020 Datasheet HTML 29Page - ams-OSRAM AG AS89020 Datasheet HTML 30Page - ams-OSRAM AG AS89020 Datasheet HTML 31Page - ams-OSRAM AG AS89020 Datasheet HTML 32Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
ams.com
db09284e_V3.01_preliminary_2017-07-06
Page 26 of 30
AS89020
V3.01
IPC/JEDEC J-STD-020D.1
(Pb-Free)
RECOMMENDED
DATA
Average ramp-down rate [°C/s]
(Peak temperature to 200°C)
max. 6.0
3.0
Time [s] from 25°C to peak temperature
max. 480
350
Figure 14: recommend soldering profile
Do not to exceed the recommended values. For further information see JEDEC J-STD-020D.1.
9 APPLICATION NOTES
Figure 15 shows typical connections of external devices to the AS89020. If digital and analog grounds are
routed separately onto the printed circuit board, they should be connected together near the device.
Figure 15: Typical Connection Circuitry – (a) Common Cathode Photodiode Array (CREG:DIR = ,1b’), (b) Common Anode
Photodiode Array (CREG:DIR = ,0b’)
(a)
(b)
Please make sure that all specified components within your application circuit operate according to their
working range and to the parameters in the data sheet. For example, photodiode sensor (input current)
and voltage regulators (workspace load current, separated analog and digital or decoupled power supplies
based on a common regulator) need special treatment to avoid noise or deviations during operation.
Time 25 °C To Peak
tS
Time →
TL
TP
25
Tsmin
Tsmax
tL
Preheat Area
Max. Ramp Up Rate = 3 °C/s
Max. Ramp Down Rate = 6 °C/s
tP
TC –5 °C
Supplier tP
Supplier TP ≥ TC
User tP
User TP ≤ TC
TC
TC –5 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com