Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89020 Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # AS89020
Description  4-channel, current input 12 bit analog-to-digital converter (ADC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89020 Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button AS89020 Datasheet HTML 9Page - ams-OSRAM AG AS89020 Datasheet HTML 10Page - ams-OSRAM AG AS89020 Datasheet HTML 11Page - ams-OSRAM AG AS89020 Datasheet HTML 12Page - ams-OSRAM AG AS89020 Datasheet HTML 13Page - ams-OSRAM AG AS89020 Datasheet HTML 14Page - ams-OSRAM AG AS89020 Datasheet HTML 15Page - ams-OSRAM AG AS89020 Datasheet HTML 16Page - ams-OSRAM AG AS89020 Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
ams.com
db09284e_V3.01_preliminary_2017-07-06
Page 11 of 30
AS89020
V3.01
5 DESCRIPTION OF FUNCTION
5.1 Description
The AS89020 is a 4 channel, current input analog-to-digital converter (ADC). For each of 4 inputs the
AS89020 provides a transimpedance amplifier (TIA). The gain of transimpedance amplifier is separately
programmable for each channel. The transimpedance of the input amplifier for channels is selectable in 17
stages. In exactly the same way the FSR current (Full-Scale-Range current) of the ADC is adjusted. This
adjustment can be performed for every channel separately by programming the corresponding register
SW_RX. The AD conversion is started and controlled via the SPI and the channels are successive converted.
The channel order of the conversion process can be chosen and programmed via SPI using register
CH_ORDER. The AS89020 has implemented a temperature compensation of the transimpedance input
amplifier to achieve a high absolute accuracy and temperature stability of converted value.
The output signal of the transimpedance amplifier (VTX) is subsequently converted by an analog-to-digital
converter (ADC) to a 12 bit digital word. The input of the ADC is realized as a 4 channel track and hold
circuit, which can be switched into the track or hold mode by the signal CONVN or the signal CSN (part of
the SPI-interface). The track and hold circuit takes samples of each channel at the same time and holds
them internally stored in an analog memory.
The power supply for the device is typically 2.7 V to 3.6 V. The digital and the analog supplies are separated
to minimize the crosstalk of both parts inside the AS89020 circuitry.
5.2 Operational States
The AS89020 has 2 operational states – configuration and measurement. It is possible to toggle between
these two states by programming the bits 2 to 0 of register OSR. The configuration state is the default
state after the power-up phase including an internal power-on-reset. The configuration registers are set to
their default values after the power-on-reset. They can be changed via SPI command. All settings for the
measurement must be made in the configuration mode (e.g. setting FSR of ADC). During the configuration
mode the ADC is in reset state and the track and hold circuit is inactive.
The track and hold circuit and the ADC are active only in the measurement mode. Before the real ADC
conversion can be started, a tracking phase must occur (OSR: TRACK must be ,1b') with the minimum
length of tTRACK. With the falling edge of CSN or CONV (depending on the setting of CREG: STARTSIG) the
tracking phase is stopped and the 4 input signals for the ADC are sampled (hold phase of track and-hold
circuit) and the ADC conversion is started. The capture of input signals occurs simultaneously for all
channels. For one AD conversion (one channel), a 2-byte SPI communication is needed (equal to 16 SPI
clock cycles). The configuration registers are not readable and not writable while the AS89020 is in the
measurement state. The bit OSR:TRACK defines whether the next conversion or a new tracking follows
after the next falling edge of CSN.
5.3 Power Down Mode
The Power Down mode is selected by setting the PDN input level to ZERO or by programming a ,1b' into
the corresponding register OSR:PD or CH_PD. The register CH_PD affects only the transimpedance
amplifiers. The Power Down mode via PDN or register OSR:PD switches off the functionality of the full
analog part of the AS89020. The functionality of the digital Part and the SPI communication is not
interrupted during this mode. The device stays idle and the SPI-interface is enabled. The operational state,
which was used before the Power Down mode has been switched on, is preserved. Setting one or more
channels into Power Down via register CH_PD switches only the selected channels. If the Power Down mode
ends the AS89020 starts with all actual register settings. The device needs a start-up time of typically
200 ms. This time is at least necessary to load all external capacitors to their typical values for a proper
operation of the circuit (see also Table 3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com