Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89020 Datasheet(PDF) 29 Page - ams-OSRAM AG

Part # AS89020
Description  4-channel, current input 12 bit analog-to-digital converter (ADC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89020 Datasheet(HTML) 29 Page - ams-OSRAM AG

Back Button AS89020 Datasheet HTML 24Page - ams-OSRAM AG AS89020 Datasheet HTML 25Page - ams-OSRAM AG AS89020 Datasheet HTML 26Page - ams-OSRAM AG AS89020 Datasheet HTML 27Page - ams-OSRAM AG AS89020 Datasheet HTML 28Page - ams-OSRAM AG AS89020 Datasheet HTML 29Page - ams-OSRAM AG AS89020 Datasheet HTML 30Page - ams-OSRAM AG AS89020 Datasheet HTML 31Page - ams-OSRAM AG AS89020 Datasheet HTML 32Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
ams.com
db09284e_V3.01_preliminary_2017-07-06
Page 27 of 30
AS89020
V3.01
Figure 16 shows the SPI interconnection of two AS89020 in principle.
Figure 16: Symbolic Interconnection of two AS89020
10 NOTES FOR PCB LAYOUT
The connections to the inputs IN0…IN3 of the AS89020 have to be protected against any
kind of electromagnetic coupling and have to be guarded with VRT potential to avoid lea-
kage currents. Without guarding layers at the inputs the isolation resistance of the PCB
gives leakage currents with equivalent values like the sensor currents
The analog supply for AS89020 must be placed as close as possible to the converter. The connection
between the analog and digital ground should be beneath (LP level) and/or near the AS89020
(Pins 18 & 20).
Digital signals and circuit lines with high current loads must not be used directly beneath and next to the
photodiode sensor as well as the AS89020.
The AS89020 converter operates internally with minimal currents (pAmps). Therefore, protection measures
need to be performed to shield the IC against EMC stress or external interferences.
The connections between the photodiode sensor (anode and cathode) and the AS89020 should be as short
as possible (< 10 mm) and without interlayer connections.
Photodiode sensor, AS89020 and its REXT should be placed on the same PCB side. The signal VRT (common
cathode or common anode) should have the same cross-section as the four sensor connectors.
Around signal lines a conductor connected with VRT should be created. One level below the signals a VRT
potential area should be created that extends only to the analog inputs and the signal lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com