Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FE2.1 Datasheet (PDF) - Terminus Technology Inc.

FE2.1 Datasheet PDF - Terminus Technology Inc.
Part # FE2.1
Download  FE2.1 Download
File Size   676.36 Kbytes
Page   20 Pages
Manufacturer  TERMINUS [Terminus Technology Inc.]
Direct Link  https://www.terminus.com.tw/en/home.html
Logo TERMINUS - Terminus Technology Inc.
Description USB 2.0 HIGH SPEED 7-PORT HUB CONTROLLER

FE2.1 Datasheet (PDF)

Go To PDF Page Download Datasheet
FE2.1 Datasheet PDF - Terminus Technology Inc.

Part # FE2.1
Download  FE2.1 Click to download

File Size   676.36 Kbytes
Page   20 Pages
Manufacturer  TERMINUS [Terminus Technology Inc.]
Direct Link  https://www.terminus.com.tw/en/home.html
Logo TERMINUS - Terminus Technology Inc.
Description USB 2.0 HIGH SPEED 7-PORT HUB CONTROLLER

FE2.1 Datasheet (HTML) - Terminus Technology Inc.


FE2.1 Product details

FEATURES
 Low power consumption
□ 155 mA when seven downstream facing
ports enabled in High-Speed mode;
□ 66 mA when one downstream facing
port enabled in High-Speed mode;
 Fully compliant with Universal Serial Bus
Specification Revision 2.0 (USB 2.0);
□ Upstream facing port supports HighSpeed (480MHz) and Full-Speed
(12MHz) modes;
□ 7 downstream facing ports support
High-Speed (480MHz), Full-Speed
(12MHz), and Low-Speed (1.5MHz)
modes;
 Integrated USB 2.0 Transceivers;
 Integrated upstream 1.5KΩ pull-up,
downstream 15KΩ pull-down, and serial
resisters;
 Integrated 5V to 3.3V and 1.8V regulator.
 Integrated Power-On-Reset circuit;
 Integrated 12MHz Oscillator with feedback
resister and crystal load capacitor;
 Integrated 12MHz-to-480MHz Phase Lock
Loop (PLL);
 Multiple Transaction Translator (MTT) –
□ One TT for each downstream port;
□ Alternate Interface 0 for Single-TT, and
Alternate Interface 1 for Multiple-TT;
□ Each TT could handle 64 periodic
Start-Split transactions, 32 periodic
Complete-Split transactions, and 6
none-periodic transactions;
 Support Self-Powered Mode only;
 Board configured options –
□ Ganged or Individual Power Control
Mode select;
□ Global, Multiple Ganges, or Individual
Over-Current Protection Mode select;
□ Removable or Non-Removable
Downstream Devices configuration;
□ Number of Downstream Ports;
 EEPROM configured options –
□ Vendor ID, Product ID, & Device
Release Number;
□ Removable or Non-Removable
Downstream Devices configuration;
□ Serial Number; and
□ Number of Downstream Ports;
 Comprehensive status indicators support:
□ Standard downstream port status
indicators (Green and Amber LED
control for each downstream port);
□ Hub Active/Suspend indicator LED.




Similar Part No. - FE2.1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FE2.1 ETC2-FE2.1 Datasheet
194Kb / 2P
USB 2.0 HIGH SPEED 7-PORT HUB CONTROLLER
More results


Similar Description - FE2.1

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2514 SMSC-USB2514 Datasheet
2Mb / 46P
USB 2.0 High-Speed 4-Port Hub Controller
USB2513 SMSC-USB2513 Datasheet
998Kb / 48P
USB 2.0 High-Speed 3-Port Hub Controller
USB2512 SMSC-USB2512 Datasheet
846Kb / 37P
USB 2.0 High-Speed 2-Port Hub Controller
logo
List of Unclassifed Man...
U222-007-R ETC2-U222-007-R Datasheet
511Kb / 4P
7-Port USB 2.0 Hi-Speed Hub
logo
Tripp Lite. All Rights ...
U222007R TRIPPLITE-U222007R Datasheet
506Kb / 2P
7-Port USB 2.0 Hi-Speed Hub
logo
Microchip Technology
USB2517 MICROCHIP-USB2517 Datasheet
785Kb / 58P
USB 2.0 Hi-Speed 7-Port Hub Controller
07/14/15
logo
List of Unclassifed Man...
FE1.1S ETC2-FE1.1S Datasheet
192Kb / 2P
USB 2.0 HIGH SPEED 4-PORT HUB CONTROLLER
FE2.1 ETC2-FE2.1 Datasheet
194Kb / 2P
USB 2.0 HIGH SPEED 7-PORT HUB CONTROLLER
logo
Prolific Technology Inc...
MA8601 PROLIFIC-MA8601 Datasheet
200Kb / 2P
USB 2.0 High Speed 4-port hub controller
MA8608 PROLIFIC-MA8608 Datasheet
270Kb / 2P
USB 2.0 High Speed 4-port hub controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com