Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FE2.1 Datasheet(PDF) 3 Page - Terminus Technology Inc.

Part # FE2.1
Description  USB 2.0 HIGH SPEED 7-PORT HUB CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERMINUS [Terminus Technology Inc.]
Direct Link  https://www.terminus.com.tw/en/home.html
Logo TERMINUS - Terminus Technology Inc.

FE2.1 Datasheet(HTML) 3 Page - Terminus Technology Inc.

  FE2.1 Datasheet HTML 1Page - Terminus Technology Inc. FE2.1 Datasheet HTML 2Page - Terminus Technology Inc. FE2.1 Datasheet HTML 3Page - Terminus Technology Inc. FE2.1 Datasheet HTML 4Page - Terminus Technology Inc. FE2.1 Datasheet HTML 5Page - Terminus Technology Inc. FE2.1 Datasheet HTML 6Page - Terminus Technology Inc. FE2.1 Datasheet HTML 7Page - Terminus Technology Inc. FE2.1 Datasheet HTML 8Page - Terminus Technology Inc. FE2.1 Datasheet HTML 9Page - Terminus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
USB 2.0 7-Port Hub
Data Sheet Rev. 1.01
BLOCK DIAGRAM
Jul. 16, 2009
Subject to Change Without Notice
3
Fig. 1: Block Diagram
Down-
stream
PHY #1
Down-
stream
PHY #2
∙∙∙∙∙
Down-
stream
PHY #7
Upstream
PHY
Routing Switch
Data
Transmit
Data
Recovery &
Elasticity
Buffer
PLL
(x40)
3.3V & 1.8V Regulator
POR
USB Multi-port Transceiver Macro Cell
SIE
Downstream
Port
Controllers
Upstream
Port
Controller
Transaction Translator
Full/Low-Speed Handler
Transaction Translator
High-Speed Handler
Hub Controller
LED
Controller
Unified Transaction
Translator Buffer (14KB)
USB 2.0
Hub
Controller
OSC
12MHz
Crystal
To Downstream
Devices
To Upstream
Host/Hub
Port
Indicators
EEPROM,
Hub Activity
LED
Over Current
Detection
Power Switch
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com