Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FE2.1 Datasheet(PDF) 7 Page - Terminus Technology Inc.

Part # FE2.1
Description  USB 2.0 HIGH SPEED 7-PORT HUB CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERMINUS [Terminus Technology Inc.]
Direct Link  https://www.terminus.com.tw/en/home.html
Logo TERMINUS - Terminus Technology Inc.

FE2.1 Datasheet(HTML) 7 Page - Terminus Technology Inc.

Back Button FE2.1 Datasheet HTML 3Page - Terminus Technology Inc. FE2.1 Datasheet HTML 4Page - Terminus Technology Inc. FE2.1 Datasheet HTML 5Page - Terminus Technology Inc. FE2.1 Datasheet HTML 6Page - Terminus Technology Inc. FE2.1 Datasheet HTML 7Page - Terminus Technology Inc. FE2.1 Datasheet HTML 8Page - Terminus Technology Inc. FE2.1 Datasheet HTML 9Page - Terminus Technology Inc. FE2.1 Datasheet HTML 10Page - Terminus Technology Inc. FE2.1 Datasheet HTML 11Page - Terminus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
USB 2.0 7-Port Hub
Data Sheet Rev. 1.01
DM3
20
13
UTD
The D- pin of the 3rd Downstream Facing Port.
DP3
21
14
UTD
The D+ pin of the 3rd Downstream Facing Port.
DM2
23
16
UTD
The D- pin of the 2nd Downstream Facing Port.
DP2
24
17
UTD
The D+ pin of the 2nd Downstream Facing Port.
DM1
26
18
UTD
The D- pin of the 1st Downstream Facing Port.
DP1
27
19
UTD
The D+ pin of the 1st Downstream Facing Port.
VD_PLL
29
21
P
1.8V Power for PLL.
XIN
30
22
OSC
12 MHz Crystal Oscillator input
XOUT
31
23
OSC
12 MHz Crystal Oscillator output.
VS_PLL
32
24
P
Ground for PLL.
VD18_O
33
25
P
1.8V power output from 3.3V→1.8V integrated regulator – a
10μF decoupling capacitor is required.
REXT
35
27
A
A 2.7KΩ (± 1%) resister should be connected to VSS to provide
internal bias reference.
DMU
38
29
UTU
The D- pin of the Upstream Facing Port.
DPU
39
30
UTU
The D+ pin of the Upstream Facing Port.
DM5
41
32
UTD
The D- pin of the 5th Downstream Facing Port.
DP5
42
33
UTD
The D+ pin of the 5th Downstream Facing Port.
DM6
44
34
UTD
The D- pin of the 6th Downstream Facing Port.
DP6
45
35
UTD
The D+ pin of the 6th Downstream Facing Port.
DM7
47
37
UTD
The D- pin of the 7th Downstream Facing Port.
DP7
48
38
UTD
The D+ pin of the 7th Downstream Facing Port.
XRSTJ
50
40
I
External Reset, active low, is an optional source of chip reset
signal. The minimum low pulse width is 10 μs.
VBUSM
51
41
I
The VBUS Monitor of upstream facing port.
PWRJ[7]
52
OD/
I-PU
Power Enable for 7th Downstream Facing Port, active low, and
Power Control Mode Configuration bit 1.
2
OVCJ[7]
53
I-PU
Over-current Detect for 7th Downstream Facing Port, active low. 1
PWRJ[6]
54
OD/
I-PU
Power Enable for 6th Downstream Facing Port, active low, and
Power Control Mode Configuration bit 1.
2
OVCJ[6]
55
I-PU
Over-current Detect for 6th Downstream Facing Port, active low. 1
PWRJ[5]
57
OD
Power Enable for 5th Downstream Facing Port, active low.
OVCJ[5]
58
43
I-PU
Over-current Detect for 5th Downstream Facing Port, active low. 1
PWRJ[1]
59
44
OD
Power Enable for 1st Downstream Facing Port, active low.
OVCJ[1]
60
45
I
Over-current Detect for 1st Downstream Facing Port, active low. 1, 3
PWRJ[2]
61
OD
Power Enable for 2nd Downstream Facing Port, active low.
Jul. 16, 2009
Subject to Change Without Notice
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com