Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FE2.1 Datasheet(PDF) 12 Page - Terminus Technology Inc.

Part # FE2.1
Description  USB 2.0 HIGH SPEED 7-PORT HUB CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERMINUS [Terminus Technology Inc.]
Direct Link  https://www.terminus.com.tw/en/home.html
Logo TERMINUS - Terminus Technology Inc.

FE2.1 Datasheet(HTML) 12 Page - Terminus Technology Inc.

Back Button FE2.1 Datasheet HTML 8Page - Terminus Technology Inc. FE2.1 Datasheet HTML 9Page - Terminus Technology Inc. FE2.1 Datasheet HTML 10Page - Terminus Technology Inc. FE2.1 Datasheet HTML 11Page - Terminus Technology Inc. FE2.1 Datasheet HTML 12Page - Terminus Technology Inc. FE2.1 Datasheet HTML 13Page - Terminus Technology Inc. FE2.1 Datasheet HTML 14Page - Terminus Technology Inc. FE2.1 Datasheet HTML 15Page - Terminus Technology Inc. FE2.1 Datasheet HTML 16Page - Terminus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
USB 2.0 7-Port Hub
Data Sheet Rev. 1.01
Power Control and Over-current Protection
The FE2.1 supports optional power switches that control delivery of power downstream facing ports by
way of a set of active low, open drain, control pins, PWRJ[7:1]. With external pull-up resisters to either
5V or 3.3V, system designers could choice from a wide variety of circuit to implement the power
switches.
As self-powered hub, over-current protection is a must for safety reasons. The FE2.1 provides a set of
input pins, OVCJ[7:1], to monitor status of external over-current detection circuit. The over-current
status will than be reported to the host hub driver by FE2.1. Depends on the power control mode
actually selected, the unused OVCJ pins will be internally pull-up and left unconnected on board.
The FE2.1 supports three types of power control modes, namely Individual Mode, Multiple Gangs
Mode, and Ganged Mode. These modes could be configured by tying either or both of PWRJ[7:6] to
ground according to the following table.
Power
Control Mode
PWRJ[7] PWRJ[6]
wHubCharacteristics
PWRJ
[
N]
OVCJ
[
N]
Availability
D1..D0
D4..D3
Individual
Mode
Normal
Normal
01
01
1, 2, 3, 4,
5, 6, 7
1, 2, 3, 4,
5, 6, 7
LQFP-64
Multiple
Gangs Mode
Tied-to-
Ground
Normal
00
01
1
1, 5
LQFP-64,
LQFP-48
Ganged Mode Tied-to-
Ground
Tied-to-
Ground
00
00
1
1
LQFP-64
In the Individual Mode, the power switch of each port is controlled individually, and the over-current
status is reported on a per-port basis. That is, for each port
N, the power switch is controlled by
PWRJ[
N], and the over-current status is monitored by OVCJ[N].
In the Ganged Mode, the power switch to all ports are controlled by one single PWRJ[1], and the over-
current is monitored by OVCJ[1]. Therefore, when host issues SetPortFeature(PORT_POWER) to
any of the downstream facing port, the PWRJ[1] will go active, and only when all ports are in powered-
off state that PWRJ[1] will be turned inactive. Since there is only one OVCJ input, all downstream
facing ports will be marked as over-current simultaneously and set to powered-off state.
The Multiple Gangs Mode has one more over-current status pin, OVCJ[5], then the Ganged Mode. If
Jul. 16, 2009
Subject to Change Without Notice
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com