Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FE2.1 Datasheet(PDF) 13 Page - Terminus Technology Inc.

Part # FE2.1
Description  USB 2.0 HIGH SPEED 7-PORT HUB CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERMINUS [Terminus Technology Inc.]
Direct Link  https://www.terminus.com.tw/en/home.html
Logo TERMINUS - Terminus Technology Inc.

FE2.1 Datasheet(HTML) 13 Page - Terminus Technology Inc.

Back Button FE2.1 Datasheet HTML 9Page - Terminus Technology Inc. FE2.1 Datasheet HTML 10Page - Terminus Technology Inc. FE2.1 Datasheet HTML 11Page - Terminus Technology Inc. FE2.1 Datasheet HTML 12Page - Terminus Technology Inc. FE2.1 Datasheet HTML 13Page - Terminus Technology Inc. FE2.1 Datasheet HTML 14Page - Terminus Technology Inc. FE2.1 Datasheet HTML 15Page - Terminus Technology Inc. FE2.1 Datasheet HTML 16Page - Terminus Technology Inc. FE2.1 Datasheet HTML 17Page - Terminus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
USB 2.0 7-Port Hub
Data Sheet Rev. 1.01
OVCJ[1] goes low, downstream facing port 1, 2, 3, and 4 would be marked as over-current. If OVCJ[5]
goes low, downstream facing port 5, 6, and 7 would be marked as over-current. Since there is only one
PWRJ pin, all ports will be switched to powered-off state at once. This is the only mode supported by
LQFP-48 package of FE2.1.
The power control mode selection is reported to the host software through the wHubCharacteristics
field, the 4th and 5th byte, of Hub Descriptor, which describes the hub's operational characteristics. Two
bit-fields would be effected – “D1..D0” for Logical Power Switching Mode, and “D4..D3” for Over-
current Protection Mode. In “D1..D0”, 00 means ganged power switching (all ports' power at the once,)
and 01 means individual port power switching. In “D4..D3”, 00 represents global over-current
protection, and 01 represents individual port over-current protection.
Figure 6 demonstrates a LQFP-64 implementation of Individual Mode design with dual-channel power
distribution switches. In this case, 3,3V pull-up are used for PWRJ/Enable pins to meet the requirement
of the specific switches used.
Figure 7 demonstrates LQFP-64 implementations of Multiple Gangs Mode and Ganged Mode with
Jul. 16, 2009
Subject to Change Without Notice
13
Fig. 6: LQFP-64 Individual Power Control Mode Example
5V
3.3V
To VBUS
of Port 4
To VBUS
of Port 3
To VBUS
of Port 2
To VBUS
of Port 1
FLGB
ENB
FLGA
ENA
OUTA
OUTB
IN
GND
MIC2026-2
PWRJ[7]
PWRJ[6]
PWRJ[5]
PWRJ[4]
PWRJ[3]
PWRJ[2]
PWRJ[1]
OVCJ[7]
OVCJ[6]
OVCJ[5]
OVCJ[4]
OVCJ[3]
OVCJ[2]
OVCJ[1]
FE2.1
FLGB
ENB
FLGA
ENA
OUTA
OUTB
IN
GND
MIC2026-2
FLGB
ENB
FLGA
ENA
OUTA
OUTB
IN
GND
MIC2026-2
FLGB
ENB
FLGA
ENA
OUTA
OUTB
IN
GND
MIC2026-2
To VBUS
of Port 5
To VBUS
of Port 6
To VBUS
of Port 7
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com