Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FE2.1 Datasheet(PDF) 6 Page - Terminus Technology Inc.

Part # FE2.1
Description  USB 2.0 HIGH SPEED 7-PORT HUB CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERMINUS [Terminus Technology Inc.]
Direct Link  https://www.terminus.com.tw/en/home.html
Logo TERMINUS - Terminus Technology Inc.

FE2.1 Datasheet(HTML) 6 Page - Terminus Technology Inc.

Back Button FE2.1 Datasheet HTML 2Page - Terminus Technology Inc. FE2.1 Datasheet HTML 3Page - Terminus Technology Inc. FE2.1 Datasheet HTML 4Page - Terminus Technology Inc. FE2.1 Datasheet HTML 5Page - Terminus Technology Inc. FE2.1 Datasheet HTML 6Page - Terminus Technology Inc. FE2.1 Datasheet HTML 7Page - Terminus Technology Inc. FE2.1 Datasheet HTML 8Page - Terminus Technology Inc. FE2.1 Datasheet HTML 9Page - Terminus Technology Inc. FE2.1 Datasheet HTML 10Page - Terminus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
USB 2.0 7-Port Hub
Data Sheet Rev. 1.01
PIN DESCRIPTION TABLE
Pin Name 64-pin
LQFP
Pin#
48-pin
LQFP
Pin#
Type
Function
Note
LED[5]
1
48
O
LED Control for the 5th Downstream Facing Port Status.
DRV
2
1
O
Driving Control for all LED.
TESTJ
3
2
IO-PU Test Mode Enable during hardware reset, active low.
Otherwise, SDA, Serial Data/Address pin for external Serial
EEPROM.
LED[1]
4
3
O/
IO-PU
LED Control for the 1st Downstream Facing Port Status, and
SCL, Serial Clock pin for external Serial EEPROM.
4
LED[2]
5
4
O/
I-PU
LED Control for the 2nd Downstream Facing Port Status, and
Non-Removable Device Configuration bit 0.
3
LED[3]
6
5
O/
I-PU
LED Control for the 3rd Downstream Facing Port Status, and
Non-Removable Device Configuration bit 1.
3
VD18
7, 36
6, 28
P
1.8V power input.
LED[4]
8
7
O/
I-PU
LED Control for the 4th Downstream Facing Port Status, and
Non-Removable Device Configuration bit 2.
3
VDD5
9
8
P
5V power input for integrated 5V→3.3V regulator.
VD33_O
10
9
P
3.3V power output from 5V→3.3V integrated regulator – a
10μF decoupling capacitor is required.
VSS
11, 19,
25, 37,
43, 49
10, 39
P
Ground.
PWRJ[3]
12
OD
Power Enable for 3rd Downstream Facing Port, active low.
OVCJ[3]
13
I-PU
Over-current Detect for 3rd Downstream Facing Port, active low. 1
PWRJ[4]
14
OD
Power Enable for 4th Downstream Facing Port, active low.
OVCJ[4]
15
I-PU
Over-current Detect for 4th Downstream Facing Port, active low. 1
VD33
16, 22,
28, 34,
40, 46,
56
15, 20,
26, 31,
36, 42
P
3.3V Power Input.
DM4
17
11
UTD
The D- pin of the 4th Downstream Facing Port.
DP4
18
12
UTD
The D+ pin of the 4th Downstream Facing Port.
Jul. 16, 2009
Subject to Change Without Notice
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com