Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FE2.1 Datasheet(PDF) 14 Page - Terminus Technology Inc.

Part # FE2.1
Description  USB 2.0 HIGH SPEED 7-PORT HUB CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERMINUS [Terminus Technology Inc.]
Direct Link  https://www.terminus.com.tw/en/home.html
Logo TERMINUS - Terminus Technology Inc.

FE2.1 Datasheet(HTML) 14 Page - Terminus Technology Inc.

Back Button FE2.1 Datasheet HTML 10Page - Terminus Technology Inc. FE2.1 Datasheet HTML 11Page - Terminus Technology Inc. FE2.1 Datasheet HTML 12Page - Terminus Technology Inc. FE2.1 Datasheet HTML 13Page - Terminus Technology Inc. FE2.1 Datasheet HTML 14Page - Terminus Technology Inc. FE2.1 Datasheet HTML 15Page - Terminus Technology Inc. FE2.1 Datasheet HTML 16Page - Terminus Technology Inc. FE2.1 Datasheet HTML 17Page - Terminus Technology Inc. FE2.1 Datasheet HTML 18Page - Terminus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
USB 2.0 7-Port Hub
Data Sheet Rev. 1.01
polymeric PTC and MOSFET switches. In these cases, 5V pull-up are used instead.
And Figure 8 shows LQFP-48 implementation for Multiple Gangs Mode – the only mode supported by
LQFP-48 package.
Jul. 16, 2009
Subject to Change Without Notice
14
Fig. 7: LQFP-64 Power Control Mode Examples
FE2.1
Ganged Mode
Selected
Poly meric
PTC
3.5A
5V
Source
To VBUS of all
downstream
facing ports
PWRJ[3]
PWRJ[4]
PWRJ[2]
PWRJ[1]
PWRJ[6]
PWRJ[5]
PWRJ[7]
OVCJ[3]
OVCJ[4]
OVCJ[2]
OVCJ[1]
OVCJ[6]
OVCJ[5]
OVCJ[7]
FE2.1
Multiple Ganges
Mode Selected
Poly meric
PTC
2A
5V
Source
To VBUS of
port 1, 2, 3, & 4
PWRJ[3]
PWRJ[4]
PWRJ[2]
PWRJ[1]
PWRJ[6]
PWRJ[5]
PWRJ[7]
OVCJ[3]
OVCJ[4]
OVCJ[2]
OVCJ[1]
OVCJ[6]
OVCJ[5]
OVCJ[7]
2A
5V
Source
To VBUS of
port 5, 6, & 7
5V
5V
Fig. 8: LQFP-48 Power Control Example
FE2.1
(LQFP48)
Poly meric
PTC
2A
5V
Source
To VBUS of
port 1, 2, 3, & 4
PWRJ
OVCJ1
OVCJ5
2A
5V
Source
To VBUS of
port 5, 6, & 7
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com