Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FE2.1 Datasheet(PDF) 9 Page - Terminus Technology Inc.

Part # FE2.1
Description  USB 2.0 HIGH SPEED 7-PORT HUB CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERMINUS [Terminus Technology Inc.]
Direct Link  https://www.terminus.com.tw/en/home.html
Logo TERMINUS - Terminus Technology Inc.

FE2.1 Datasheet(HTML) 9 Page - Terminus Technology Inc.

Back Button FE2.1 Datasheet HTML 5Page - Terminus Technology Inc. FE2.1 Datasheet HTML 6Page - Terminus Technology Inc. FE2.1 Datasheet HTML 7Page - Terminus Technology Inc. FE2.1 Datasheet HTML 8Page - Terminus Technology Inc. FE2.1 Datasheet HTML 9Page - Terminus Technology Inc. FE2.1 Datasheet HTML 10Page - Terminus Technology Inc. FE2.1 Datasheet HTML 11Page - Terminus Technology Inc. FE2.1 Datasheet HTML 12Page - Terminus Technology Inc. FE2.1 Datasheet HTML 13Page - Terminus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
USB 2.0 7-Port Hub
Data Sheet Rev. 1.01
CONFIGURABLE OPTIONS
The FE2.1 is a highly versatile design that can be configured to meet many varieties of implementation
requirement in a rather easy way. The behavior of FE2.1 can be configured by either board design
selected options or through contents of external EEPROM.
LED Indicators, Number of Downstream Facing Port, and Non-Removable Devices
According to USB 2.0 Specification, the status of each downstream port is shown by two LED
indicators – the Green and Amber LED. FE2.1 supports the full function as specified by DRV and
LED[7:1] pins. Figure 4 shows how these port status indicators be connected, together with the external
EEPROM and the Hub Active Indicator (the Red LED).
The optional Hub Active Indicator is only turned on when the hub is configured by the host, and turned
off when the hub is either set into suspend mode, disconnected, or powered off by the host. Any of
these fifteen LED's could be removed without effecting the normal function of the hub.
Jul. 16, 2009
Subject to Change Without Notice
9
Fig. 4: LED and EEPROM Connections
TESTJ
DRV
FE2.1
Hub Active Indicator
SDA
SCL
A0
A1
A2
EEPROM
LED[1]
LED[2]
Port 1 Indicators
Green
Amber
Port 2 Indicators
Green
Amber
LED[3]
LED[4]
Port 3 Indicators
Green
Amber
Port 4 Indicators
Green
Amber
LED[5]
LED[6]
Port 5 Indicators
Green
Amber
Port 6 Indicators
Green
Amber
LED[7]
Port 7 Indicators
Green
Amber



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com