Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FE2.1 Datasheet(PDF) 10 Page - Terminus Technology Inc.

Part # FE2.1
Description  USB 2.0 HIGH SPEED 7-PORT HUB CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERMINUS [Terminus Technology Inc.]
Direct Link  https://www.terminus.com.tw/en/home.html
Logo TERMINUS - Terminus Technology Inc.

FE2.1 Datasheet(HTML) 10 Page - Terminus Technology Inc.

Back Button FE2.1 Datasheet HTML 6Page - Terminus Technology Inc. FE2.1 Datasheet HTML 7Page - Terminus Technology Inc. FE2.1 Datasheet HTML 8Page - Terminus Technology Inc. FE2.1 Datasheet HTML 9Page - Terminus Technology Inc. FE2.1 Datasheet HTML 10Page - Terminus Technology Inc. FE2.1 Datasheet HTML 11Page - Terminus Technology Inc. FE2.1 Datasheet HTML 12Page - Terminus Technology Inc. FE2.1 Datasheet HTML 13Page - Terminus Technology Inc. FE2.1 Datasheet HTML 14Page - Terminus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
USB 2.0 7-Port Hub
Data Sheet Rev. 1.01
The LED[7:1] pins could also be used to configure the number of downstream facing port and non-
removable downstream devices. These option selections are sampled and loaded each time after chip
reset. If an alternate configuration is intended, the corresponding pins should be tied to ground as
shown in the following table. Otherwise, denoted as Normal in the following tables, they could be
either left floating or connected to the LED's as shown by figure 4.
Usable Downstream
Facing Port
LED[7]
LED[6]
4, 3, 2, 1
Tied-to-Ground
Tied-to-Ground
5, 4, 3, 2, 1
Normal
Tied-to-Ground
6, 5, 4, 3, 2, 1
Tied-to-Ground
Normal
7, 6, 5, 4, 3, 2, 1
Normal
Normal
Setting the number of Downstream Facing Port by tying any of LED[7:6] to ground will change the
bNbrPorts field (3rd byte) of Hub Descriptor as response to host's GetHubDescriptor request.
Henceforth the ports beyond the specified number will not be recognized nor activated by the host.
Non-Removable
Downstream Facing
Ports
LED[4]
LED[3]
LED[2]
None
Normal
Normal
Normal
2
Normal
Normal
Tied-to-Ground
3, 2
Normal
Tied-to-Ground
Normal
3, 2, 1
Normal
Tied-to-Ground
Tied-to-Ground
4, 3, 2, 1
Tied-to-Ground
Normal
Normal
5, 4, 3, 2, 1
Tied-to-Ground
Normal
Tied-to-Ground
6, 5, 4, 3, 2, 1
Tied-to-Ground
Tied-to-Ground
Normal
7, 6, 5, 4, 3, 2, 1
Tied-to-Ground
Tied-to-Ground
Tied-to-Ground
The Non-Removable Downstream Facing Ports setting is reported in the bit-map of DeviceRemovable
field of Hub Class Descriptor.
When a downstream facing port is configured as unusable or non-removable, its corresponding LED pin
will be disabled. In other words, those LED pins should be either tied to ground based on the selected
configuration, or left floating. The only exception is LED[1], which would be still used as SCL, Serial
Clock pin for external EEPROM, should it exist.
Jul. 16, 2009
Subject to Change Without Notice
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com