Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FE2.1 Datasheet(PDF) 8 Page - Terminus Technology Inc.

Part # FE2.1
Description  USB 2.0 HIGH SPEED 7-PORT HUB CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERMINUS [Terminus Technology Inc.]
Direct Link  https://www.terminus.com.tw/en/home.html
Logo TERMINUS - Terminus Technology Inc.

FE2.1 Datasheet(HTML) 8 Page - Terminus Technology Inc.

Back Button FE2.1 Datasheet HTML 4Page - Terminus Technology Inc. FE2.1 Datasheet HTML 5Page - Terminus Technology Inc. FE2.1 Datasheet HTML 6Page - Terminus Technology Inc. FE2.1 Datasheet HTML 7Page - Terminus Technology Inc. FE2.1 Datasheet HTML 8Page - Terminus Technology Inc. FE2.1 Datasheet HTML 9Page - Terminus Technology Inc. FE2.1 Datasheet HTML 10Page - Terminus Technology Inc. FE2.1 Datasheet HTML 11Page - Terminus Technology Inc. FE2.1 Datasheet HTML 12Page - Terminus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
USB 2.0 7-Port Hub
Data Sheet Rev. 1.01
OVCJ[2]
62
I-PU
Over-current Detect for 2nd Downstream Facing Port, active low. 1
LED[7]
63
46
O/
I-PU
LED Control for the 7th Downstream Facing Port Status, and
Number of Ports Configuration bit 0.
3
LED[6]
64
47
O/
I-PU
LED Control for the 6th Downstream Facing Port Status, and
Number of Ports Configuration bit 1.
3
Note
1. Pins OVCJ[7:2] are equipped with optional internal pull-up resisters. When certain OVCJ pin is
not required by currently configured over-current protection mode, its internal pull-up resister
will be applied so that pin can be left as unconnected on the board. Otherwise, when certain
OVCJ pin is used by currently configured over-current protection mode, its pull-up resister will
be removed so that it could be used to monitor either 3.3V or 5V input from external application
circuit.
2. During power up configuration stage, pins PWRJ[7:6] are used as input with internal pull-up
resisters. Once passed that stage, they will be configured as open drain output.
3. During power up configuration stage, pins LED[4:2] and LED[7:6] are used as input with
internal pull-up resister. Once passed that stage, they will be configured as CMOS output.
4. During power up configuration stage, pin LED[1] is used as CMOS tristate I/O to work with the
external EEPROM as serial clock. Once passed that stage, it is used as CMOS output.
Type Abbreviation –
I :
Schmitt Trigger Input, 5V-Tolerant;
I-PU :
Input with Controllable Internal Pull-Up, 5V-Tolerant when pull-up resisters is disabled;
IO-PU : CMOS 3-state Output with Input and Internal Pull-Up;
OD :
Open Drain Output;
O :
CMOS Output;
A :
Analog I/O;
P :
Power/Ground;
OSC :
Crystal Oscillator with internal bias resister and load capacitor;
UTU :
USB High Speed and Full Speed Transceiver;
UTD :
USB High Speed, Full Speed, and Low Speed Transceiver.
Jul. 16, 2009
Subject to Change Without Notice
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com