Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FE2.1 Datasheet(PDF) 17 Page - Terminus Technology Inc.

Part # FE2.1
Description  USB 2.0 HIGH SPEED 7-PORT HUB CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERMINUS [Terminus Technology Inc.]
Direct Link  https://www.terminus.com.tw/en/home.html
Logo TERMINUS - Terminus Technology Inc.

FE2.1 Datasheet(HTML) 17 Page - Terminus Technology Inc.

Back Button FE2.1 Datasheet HTML 12Page - Terminus Technology Inc. FE2.1 Datasheet HTML 13Page - Terminus Technology Inc. FE2.1 Datasheet HTML 14Page - Terminus Technology Inc. FE2.1 Datasheet HTML 15Page - Terminus Technology Inc. FE2.1 Datasheet HTML 16Page - Terminus Technology Inc. FE2.1 Datasheet HTML 17Page - Terminus Technology Inc. FE2.1 Datasheet HTML 18Page - Terminus Technology Inc. FE2.1 Datasheet HTML 19Page - Terminus Technology Inc. FE2.1 Datasheet HTML 20Page - Terminus Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
USB 2.0 7-Port Hub
Data Sheet Rev. 1.01
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min.
Max.
Unit
Storage Temperature
TS
-55
+150
ºC
Power Supply Voltage
VDD5
VD33
VD18 & VD_PLL
-0.5
-0.5
-0.5
+6.0
+4.0
+2.5
V
ESD Human Body Mode
-2000
2000
V
ESD Machine Mode
-200
200
V
Latch Up
-200
200
mA
RECOMMENDED OPERATING RANGES
Parameter
Symbol
Min.
Typ.
Max.
Unit
Operating temperature
TA
0
70
ºC
Case Temperature (LQFP-64 package)
TC64
0
110
ºC
Case Temperature (LQFP-48 package)
TC48
0
105
ºC
Operating voltage
VDD5
VD33
VD18 & VD_PLL
4.5
3.0
1.62
5.0
3.3
1.8
5.5
3.6
1.98
V
LOW level voltage of digital input
VIL
-0.3
0.8
V
HIGH level voltage of digital input
VIH
2.0
5.5
V
Threshold voltage of digital input
VTH
1.45
1.58
1.74
V
Low-to-High level of schmitt-trigger input
VT+
1.44
1.5
1.56
V
High-to-Low level of schmitt-trigger input
VT-
0.89
0.94
0.99
V
LOW level voltage of digital output@4mA
VOL
0.4
V
HIGH level voltage of digital output@4mA
VOH
2.4
V
Internal Pull-Up Resister Range
RPU
39
65
116
Jul. 16, 2009
Subject to Change Without Notice
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com