Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FE2.1 Datasheet(PDF) 1 Page - Terminus Technology Inc.

Part # FE2.1
Description  USB 2.0 HIGH SPEED 7-PORT HUB CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERMINUS [Terminus Technology Inc.]
Direct Link  https://www.terminus.com.tw/en/home.html
Logo TERMINUS - Terminus Technology Inc.

FE2.1 Datasheet(HTML) 1 Page - Terminus Technology Inc.

  FE2.1 Datasheet HTML 1Page - Terminus Technology Inc. FE2.1 Datasheet HTML 2Page - Terminus Technology Inc. FE2.1 Datasheet HTML 3Page - Terminus Technology Inc. FE2.1 Datasheet HTML 4Page - Terminus Technology Inc. FE2.1 Datasheet HTML 5Page - Terminus Technology Inc. FE2.1 Datasheet HTML 6Page - Terminus Technology Inc. FE2.1 Datasheet HTML 7Page - Terminus Technology Inc. FE2.1 Datasheet HTML 8Page - Terminus Technology Inc. FE2.1 Datasheet HTML 9Page - Terminus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
USB 2.0 7-Port Hub
Data Sheet Rev. 1.01
FE2.1
USB 2.0 HIGH SPEED 7-PORT HUB CONTROLLER
_______________________Data Sheet_______________________
INTRODUCTION
The FE2.1 is a highly integrated, high quality,
high performance, low power consumption, yet
low overall cost solution for USB 2.0 High Speed
7-Port Hub.
It adopts Multiple Transaction Translator (MTT)
architecture to explore the maximum possible
throughput. Six, instead of two, non-periodic
transaction buffers are used to minimize potential
traffic jamming. The whole design is based on
state-machine-control to reduce the response
delay time; no micro controller is used in this
chip.
To guarantee high quality, the whole chip is
covered by Test Scan Chain – include even the
high speed (480MHz) modules, so that all the
logic components could be fully tested before
shipping. Special Build-In-Self-Test mode is
designed to exercise all high, full, and low speed
Analog Front End (AFE) components in the
packaging and testing stages as well.
Low power consumption is achieved by using
0.18μm technology and comprehensive
power/clock control mechanism. Most part of the
chip will not be clocked unless needed.
FEATURES
Low power consumption
155 mA when seven downstream facing
ports enabled in High-Speed mode;
66 mA when one downstream facing
port enabled in High-Speed mode;
Fully compliant with Universal Serial Bus
Specification Revision 2.0 (USB 2.0);
Upstream facing port supports High-
Speed (480MHz) and Full-Speed
(12MHz) modes;
7 downstream facing ports support
High-Speed (480MHz), Full-Speed
(12MHz), and Low-Speed (1.5MHz)
modes;
Integrated USB 2.0 Transceivers;
Integrated upstream 1.5KΩ pull-up,
downstream 15KΩ pull-down, and serial
resisters;
Integrated 5V to 3.3V and 1.8V regulator.
Integrated Power-On-Reset circuit;
Integrated 12MHz Oscillator with feedback
resister and crystal load capacitor;
Integrated 12MHz-to-480MHz Phase Lock
Loop (PLL);
Multiple Transaction Translator (MTT) –
One TT for each downstream port;
Jul. 16, 2009
Subject to Change Without Notice
1


Similar Part No. - FE2.1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FE2.1 ETC2-FE2.1 Datasheet
194Kb / 2P
USB 2.0 HIGH SPEED 7-PORT HUB CONTROLLER
More results

Similar Description - FE2.1

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2514 SMSC-USB2514 Datasheet
2Mb / 46P
USB 2.0 High-Speed 4-Port Hub Controller
USB2513 SMSC-USB2513 Datasheet
998Kb / 48P
USB 2.0 High-Speed 3-Port Hub Controller
USB2512 SMSC-USB2512 Datasheet
846Kb / 37P
USB 2.0 High-Speed 2-Port Hub Controller
logo
List of Unclassifed Man...
U222-007-R ETC2-U222-007-R Datasheet
511Kb / 4P
7-Port USB 2.0 Hi-Speed Hub
logo
Tripp Lite. All Rights ...
U222007R TRIPPLITE-U222007R Datasheet
506Kb / 2P
7-Port USB 2.0 Hi-Speed Hub
logo
Microchip Technology
USB2517 MICROCHIP-USB2517 Datasheet
785Kb / 58P
USB 2.0 Hi-Speed 7-Port Hub Controller
07/14/15
logo
List of Unclassifed Man...
FE1.1S ETC2-FE1.1S Datasheet
192Kb / 2P
USB 2.0 HIGH SPEED 4-PORT HUB CONTROLLER
FE2.1 ETC2-FE2.1 Datasheet
194Kb / 2P
USB 2.0 HIGH SPEED 7-PORT HUB CONTROLLER
logo
Prolific Technology Inc...
MA8601 PROLIFIC-MA8601 Datasheet
200Kb / 2P
USB 2.0 High Speed 4-port hub controller
MA8608 PROLIFIC-MA8608 Datasheet
270Kb / 2P
USB 2.0 High Speed 4-port hub controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com