Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FE2.1 Datasheet(PDF) 15 Page - Terminus Technology Inc.

Part # FE2.1
Description  USB 2.0 HIGH SPEED 7-PORT HUB CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERMINUS [Terminus Technology Inc.]
Direct Link  https://www.terminus.com.tw/en/home.html
Logo TERMINUS - Terminus Technology Inc.

FE2.1 Datasheet(HTML) 15 Page - Terminus Technology Inc.

Back Button FE2.1 Datasheet HTML 11Page - Terminus Technology Inc. FE2.1 Datasheet HTML 12Page - Terminus Technology Inc. FE2.1 Datasheet HTML 13Page - Terminus Technology Inc. FE2.1 Datasheet HTML 14Page - Terminus Technology Inc. FE2.1 Datasheet HTML 15Page - Terminus Technology Inc. FE2.1 Datasheet HTML 16Page - Terminus Technology Inc. FE2.1 Datasheet HTML 17Page - Terminus Technology Inc. FE2.1 Datasheet HTML 18Page - Terminus Technology Inc. FE2.1 Datasheet HTML 19Page - Terminus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
USB 2.0 7-Port Hub
Data Sheet Rev. 1.01
EEPROM CONTENTS
Address
Contents
Note
0x00
0x40
Constant, low byte of check code
0x01
0x1A
Constant, high byte of check code
0x02
Vendor ID (Low)
Low byte of Vendor ID, idVendor field of Standard Device Descriptor
0x03
Vendor ID (High)
High byte of Vendor ID, idVendor field of Standard Device Descriptor
0x04
Product ID (Low)
Low byte of Product ID, idProduct field of Standard Device Descriptor
0x05
Product ID (High)
High Byte of Product ID, idProduct field of Standard Device Descriptor
0x06
Device Release (Low)
Low byte of Device Release Number, must be Binary Coded Decimal,
bcdDevice field of Standard Device Descriptor
0x07
Device Release (High)
High byte of Device Release Number, must be Binary Coded Decimal,
bcdDevice field of Standard Device Descriptor
0x08 ~
0x17
Device Serial Number
Device's Serial Number – the contents of string descriptor describing the
device's serial number.
0x18
Length of Serial Number Length of effective “Device Serial Number” stored in 0x08 to 0x17.
0x19
Filling
0x00
0x1A
Port Number
Number of Downstream Ports, bNbrPorts field of Hub Descriptor.
0x1B
Filling
0x00
0x1C
Device Removable
DeviceRemovable field of Hub Descriptor –
Indicates if a port has a removable device attached. If bit N is set to 1, then
the device on downstream facing port N is non-removable. Otherwise, it is
removable. Bit 0 is reserved and should be 0.
0x1D
Filling
0x00
0x1E
Device Attributes
Bit 0: Port Indicators Support, bit 7 of wHubCharacteristics field of Hub
Descriptor –
0: Port Indicators are not supported on its downstream facing ports
and PORT_INDICATOR request has no effect.
1: Port Indicators are supported on its downstream facing ports and
PORT_INDICATOR request controls the indicators.
Bit 1: Identifies a Compound Device, bit 2 of wHubCharacteristics field of
Hub Descriptor –
0: Hub is not part of a compound device.
1: Hub is part of a compound device.
Bit 2: Maximum current requirements of the Hub Controller electronics,
bHubContrCurrent field of Hub Descriptor –
0: 200mA.
1: 500mA.
Bit 3 to 7, reserved, must be 0's.
0x1F
Check Sum
The 8-bit sum of all value from 0x00 to 0x1E.
Jul. 16, 2009
Subject to Change Without Notice
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com