Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1404P Datasheet (PDF) - Texas Instruments

CC1404P Datasheet PDF - Texas Instruments
Part # CC1404P
Download  CC1404P Download
File Size   1759.7 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC1404P SimpleLink™ High-Performance Sub-1GHz O-QPSK and FSK Transciever

CC1404P Datasheet (PDF)

Go To PDF Page Download Datasheet
CC1404P Datasheet PDF - Texas Instruments

Part # CC1404P
Download  CC1404P Click to download

File Size   1759.7 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC1404P SimpleLink™ High-Performance Sub-1GHz O-QPSK and FSK Transciever

CC1404P Datasheet (HTML) - Texas Instruments


CC1404P Product details

1 Features
RF performance and analog features
• High-performance, software-configurable transceiver with support for IEEE 802.15.4
• Wide RF frequency coverage from 118MHz to 1435MHz
• Supported modulation formats:
– SUN FSK, SUN O-QPSK, 2-(G)FSK, 4-(G) FSK, MSK, O-QPSK, and OOK
• High linearity PA:
– Up to +22dBm output power with FSK and OQPSK
• High efficiency PA:
– +16dBm output power in differential mode
– +14dBm output power in single-ended mode
– Supports FSK, O-QPSK, and OOK
• Receiver sensitivity (w/uLNA enabled):
– -131dBm at 0.75kbps O-QPSK 12ksps
– -122dBm at 6.25kbps SUN O-QPSK RM0
– -107dBm at 100kbps SUN FSK #2b, no FEC
• Current consumption:
– 6.9mA RX in SUN FSK, SUN O-QPSK
– TX (high linearity PA): 134mA at +22dBm
– TX (high efficiency PA): 33mA at +16dBm
Digital features
• Separate modems and dual IFfilters: O-QPSK, and FSK
• Dual modems enable dual receive capabilities
• Software configurable modem and in-field upgradable radio transceiver through a secure serial bootloader (SSBL)
• Includes IEEE and TI proprietary unique IDs
• Factory-calibrated TX power and RSSI measurement
• Sniff mode and dual sync word capabilities
• WaveMatch for improved sync detect performance
Easy-to-use software API
• Device configuration and information
• Action commands and status commands and data transfer commands
• Packet streaming and repeat RX/TX supported with stream store and flush commands
RoHS-compliant package
• 5mm × 5mm RKP VQFN
Peripherals
• 1 × SPI, 8 × GPIO, RF front-end control, AES 128-bit hardware accelerator




Similar Part No. - CC1404P

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
CC1402 MARATHON-CC1402 Datasheet
280Kb / 1P
Power Block Covers
logo
Texas Instruments
CC1402P TI2-CC1402P Datasheet
1Mb / 37P
CC1402P SimpleLink™ General Purpose FSK Transceiver with Integrated High Power Amplifier
SEPTEMBER 2026
CC1402PT1RKP TI2-CC1402PT1RKP Datasheet
1Mb / 37P
CC1402P SimpleLink™ General Purpose FSK Transceiver with Integrated High Power Amplifier
SEPTEMBER 2026
logo
Marathon Special Produc...
CC1403 MARATHON-CC1403 Datasheet
280Kb / 1P
Power Block Covers
logo
SHIELD s.r.l.
CC1403A00 SHIELD-CC1403A00 Datasheet
206Kb / 2P
For electrovalves, style A, 3pG, female, with cable
More results


Similar Description - CC1404P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AX5243 ONSEMI-AX5243_16 Datasheet
411Kb / 42P
Advanced High Performance ASK and FSK Narrow-band Transceiver
May, 2016 ??Rev. 3
logo
Holtek Semiconductor In...
BC68F2123 HOLTEK-BC68F2123 Datasheet
6Mb / 117P
Sub-1GHz OOK/FSK TX Soc 1K Flash MCU
BC2102 HOLTEK-BC2102 Datasheet
1Mb / 15P
Sub-1GHz OOK/FSK Transmitter
logo
Texas Instruments
CC1352R TI1-CC1352R Datasheet
1Mb / 54P
SimpleLink High-Performance Dual-Band Wireless MCU
CC1312R TI1-CC1312R Datasheet
550Kb / 48P
SimpleLink High-Performance Sub-1 GHz Wireless MCU
CC1311R3 TI-CC1311R3 Datasheet
2Mb / 64P
CC1311R3 SimpleLink??High-Performance Sub-1 GHz Wireless MCU
MARCH 2022
CC1312R7 TI-CC1312R7 Datasheet
3Mb / 58P
CC1312R7 SimpleLink??High-Performance Sub-1 GHz Wireless MCU
REVISED NOVEMBER 2021
CC1314R10 TI-CC1314R10 Datasheet
3Mb / 78P
CC1314R10 SimpleLink™ High-Performance Sub-1 GHz Wireless MCU
REVISED JUNE 2023
CC2674R10 TI1-CC2674R10 Datasheet
3Mb / 69P
CC2674R10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU
REVISED JUNE 2023
CC1354R10 TI1-CC1354R10 Datasheet
3Mb / 87P
CC1354R10 SimpleLink™ High-Performance Multi-Band Wireless MCU
REVISED JUNE 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com