Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1404P Datasheet(PDF) 6 Page - Texas Instruments

Part # CC1404P
Description  CC1404P SimpleLink™ High-Performance Sub-1GHz O-QPSK and FSK Transciever
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1404P Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC1404P Datasheet HTML 2Page - Texas Instruments CC1404P Datasheet HTML 3Page - Texas Instruments CC1404P Datasheet HTML 4Page - Texas Instruments CC1404P Datasheet HTML 5Page - Texas Instruments CC1404P Datasheet HTML 6Page - Texas Instruments CC1404P Datasheet HTML 7Page - Texas Instruments CC1404P Datasheet HTML 8Page - Texas Instruments CC1404P Datasheet HTML 9Page - Texas Instruments CC1404P Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Table 5-1. Pin Functions (continued)
PIN
I/O
TYPE
DESCRIPTION
NAME
NO.
EGP
—
—
GND
Ground – exposed ground pad
RSTN
25
I
Digital
Reset, active low. No internal pullup resistor
DCDC_SW
29
—
Power
Output from internal DC/DC converter
VDDR
32
—
Power
Internal supply, must be powered from internal DC/DC
or LDO
VDDS_RF
8, 36
—
Power
Must be connected to VDDS
VDDR_RF
5,37
—
Power
Internal supply, must be powered from internal DC/DC
or LDO
VDDD
27
—
Power
For decoupling of internal supply
VDDS
13, 21
—
Power
Main device supply
VDDS_DCDC
30
—
Power
Supply for DC/DC converter
X48P
34
—
Analog
48MHz crystal oscillator pin P
X48N
35
—
Analog
48MHz crystal oscillator pin N
ULNA_GND
4
—
Power
ULNA Ground
DCDC_GND
28
—
Power
DCDC Ground
RFGND
40
—
Power
RF Ground
GND
9,11,20,31
—
Power
Ground
CC1404P
SWRS300 – SEPTEMBER 2026
www.ti.com
6
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: CC1404P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com