Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1404P Datasheet(PDF) 21 Page - Texas Instruments

Part # CC1404P
Description  CC1404P SimpleLink™ High-Performance Sub-1GHz O-QPSK and FSK Transciever
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1404P Datasheet(HTML) 21 Page - Texas Instruments

Back Button CC1404P Datasheet HTML 17Page - Texas Instruments CC1404P Datasheet HTML 18Page - Texas Instruments CC1404P Datasheet HTML 19Page - Texas Instruments CC1404P Datasheet HTML 20Page - Texas Instruments CC1404P Datasheet HTML 21Page - Texas Instruments CC1404P Datasheet HTML 22Page - Texas Instruments CC1404P Datasheet HTML 23Page - Texas Instruments CC1404P Datasheet HTML 24Page - Texas Instruments CC1404P Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
6.17 782MHz - 957MHz Receive (RX) (continued)
When measured on the BP-CC1404P-8-FE reference design with Tc = 25°C, VDDS = 3.6V.All measurements are performed
at the antenna input with a combined RX and TX path and through an RF switch as part of the reference design. All
measurements are performed conducted. All measurements are using 250 byte PSDU < 10% PER unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Blocking, +1MHz
0.1% BER, wanted level at -92dBm
67
dB
Blocking, -1MHz
66
dB
Blocking, +2MHz
73
dB
Blocking, -2MHz
71
dB
Blocking, +10MHz
75
dB
Blocking, -10MHz
84
dB
Blocking + 5% Fc. (45.75MHz)
-15
dBm
Blocking - 5% Fc. (-45.75MHz)
-13
dBm
RSSI dynamic range
Starting from the sensitivity limit
100
dB
RSSI accuracy
Starting from the sensitivity limit across the given dynamic range
±3
dB
Frequency error tolerance (ppm)
20 byte PSDU < 10% PER, measured at 10dB above sensitivity level. Negative
offset
-10
ppm
Frequency error tolerance (ppm)
20 byte PSDU < 10% PER, measured at 10dB above sensitivity level. Positive
offset
10
ppm
Symbol rate error tolerance (ppm)
20 byte PSDU < 10% PER, measured at 10dB above sensitivity level. Negative
offset
-1200
ppm
Symbol rate error tolerance (ppm)
20 byte PSDU < 10% PER, measured at 10dB above sensitivity level. Negative
offset
1200
ppm
SUN FSK, 20kbps, ±10kHz deviation, 52kHz RX BW, Mode #2b
Sensitivity
FSK, 20kbps, ±10kHz deviation, FSK, 915.0MHz, 20 byte PSDU < 10% PER,
w/uLNA enabled
-113
dBm
Sensitivity
FSK, 20kbps, ±10kHz deviation, FSK, 866.6MHz, 20 byte PSDU < 10% PER,
w/uLNA enabled
-114
dBm
Saturation limit
20 byte PSDU < 10% PER, 915MHz
10
dBm
Selectivity, +100kHz
10% PER, 20 byte payload
40
dB
Selectivity, -100kHz
10% PER, 20 byte payload
40
dB
Selectivity, +200kHz
10% PER, 20 byte payload
44
dB
Selectivity, -200kHz
10% PER, 20 byte payload
42
dB
Selectivity, +400kHz
10% PER, 20 byte payload
53
dB
Selectivity, -400kHz
10% PER, 20 byte payload
41
dB
Image rejection (image compensation
enabled)
10% PER, 20 byte payload
39
dB
Blocking, +1MHz
0.1% BER
65
dB
Blocking, -1MHz
0.1% BER
64
dB
Blocking, +2MHz
0.1% BER
71
dB
Blocking, -2MHz
0.1% BER
69
dB
Blocking, -10MHz
0.1% BER
73
dB
Blocking, +10MHz
0.1% BER
82
dB
Blocking + 5% Fc. (45.75MHz)
0.1% BER
-15
dBm
Blocking - 5% Fc. (-45.75MHz)
0.1% BER
-12
dBm
RSSI accuracy
Starting from the sensitivity limit across the given dynamic range
±3
dB
Frequency error tolerance (ppm)
20 byte PSDU < 10% PER, measured at 10dB above sensitivity level. Negative
offset
-20
ppm
Frequency error tolerance (ppm)
20 byte PSDU < 10% PER, measured at 10dB above sensitivity level. Positive
offset
20
ppm
Symbol rate error tolerance (ppm)
20 byte PSDU < 10% PER, measured at 10dB above sensitivity level. Negative
offset
-1000
ppm
Symbol rate error tolerance (ppm)
20 byte PSDU < 10% PER, measured at 10dB above sensitivity level. Positive
offset
1000
ppm
OOK, 4.8kbps, 141kHz RX BW
www.ti.com
CC1404P
SWRS300 – SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: CC1404P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com