Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1404P Datasheet(PDF) 36 Page - Texas Instruments

Part # CC1404P
Description  CC1404P SimpleLink™ High-Performance Sub-1GHz O-QPSK and FSK Transciever
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1404P Datasheet(HTML) 36 Page - Texas Instruments

Back Button CC1404P Datasheet HTML 32Page - Texas Instruments CC1404P Datasheet HTML 33Page - Texas Instruments CC1404P Datasheet HTML 34Page - Texas Instruments CC1404P Datasheet HTML 35Page - Texas Instruments CC1404P Datasheet HTML 36Page - Texas Instruments CC1404P Datasheet HTML 37Page - Texas Instruments CC1404P Datasheet HTML 38Page - Texas Instruments CC1404P Datasheet HTML 39Page - Texas Instruments CC1404P Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
8 Application, Implementation, and Layout
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
For general design guidelines and hardware configuration guidelines, refer to CC13xx/CC26xx Hardware
Configuration and PCB Design Considerations Application Report.
8.1 Reference Designs
The following reference designs should be followed closely when implementing designs using the CC1404P
device.
Special attention must be paid to RF component placement, decoupling capacitors, and DCDC regulator
components, as well as ground connections for all of these. For optimum RF performance, especially when
using the high-power PA, it is important to accurately follow the reference design with respect to component
values and layout. Failure to do so may lead to reduced RF performance due to balun mismatch. The amplitude
and phase balance through the balun must be <1 dB and <6 degrees, respectively. PCB stack-up is also critical
for proper operation. The C140xP EVMs and characterization boards are using a finished thickness between the
top layer (RF signals) and layer 2 (ground plane) of 175 µm.
The CC1404P has a very flexible RF front-end design that enables many different optimzations. To enable
customers to quickly evaluate the different options we have created different reference designs.
Integrated balun devices can be used, the following balun is recommended for CC1404P high-power PA output:
• Murata LFB21892MBGGF964
8.1.1 Highest Performance
The highest performance design or Full Entitlement (FE) design covers the broadest customer requirements,
including showcasing the new integrated ultra-LNA (uLNA) that enables the integration of SAW filters without the
drawback of losing 2-3dB of receive sensitivity.
• Longest Range (+22dBm transmit)
• Best sensitivity (4dB improvement using uLNA)
• Most robust receive in presence of 5G
Figure 8-1. Full Entitlement reference design block diagram
BP-CC14xP-x-FE design files
The BP-CC140xP-x-FE reference design provides schematic, layout, and production files for the characterization
board used for deriving the performance number found in this document.
CC1404P
SWRS300 – SEPTEMBER 2026
www.ti.com
36
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: CC1404P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com