Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1404P Datasheet(PDF) 11 Page - Texas Instruments

Part # CC1404P
Description  CC1404P SimpleLink™ High-Performance Sub-1GHz O-QPSK and FSK Transciever
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1404P Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC1404P Datasheet HTML 7Page - Texas Instruments CC1404P Datasheet HTML 8Page - Texas Instruments CC1404P Datasheet HTML 9Page - Texas Instruments CC1404P Datasheet HTML 10Page - Texas Instruments CC1404P Datasheet HTML 11Page - Texas Instruments CC1404P Datasheet HTML 12Page - Texas Instruments CC1404P Datasheet HTML 13Page - Texas Instruments CC1404P Datasheet HTML 14Page - Texas Instruments CC1404P Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
6.15 48MHz Clock Input (TCXO)
Measured on a Texas Instruments reference design with Tc = 25°C, VDDS = 3.6V, unless otherwise noted.(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Clock frequency
48
MHz
TCXO clipped sine output, peak-to-peak
TCXO clipped sine output connected to pin
X48P through series capacitor
0.6
1.58
V
TCXO with CMOS output, High input voltage
TCXO with CMOS output directly coupled to
pin X48P
VDDR-0.
3
VDDR
V
TCXO with CMOS output, Low input voltage
0
0.3
V
(1)
Probing or otherwise stopping the TCXO while the DC/DC converter is enabled may cause permanent damage to the device.
6.16 32kHz RC Oscillator (LFOSC)
Measured on a Texas Instruments reference design with Tc = 25°C, VDDS = 3.6V, unless otherwise noted.
MIN
TYP
MAX
UNIT
Calibrated frequency
32.768 (1)
kHz
(1)
When using LFOSC as source for the low frequency system clock (LFCLK), the accuracy of the LFCLK derived Real Time Clock (RTC)
can be improved by measuring LFOSC relative to HFXT and compensating for the RTC tick speed.
www.ti.com
CC1404P
SWRS300 – SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: CC1404P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com