Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1404P Datasheet(PDF) 7 Page - Texas Instruments

Part # CC1404P
Description  CC1404P SimpleLink™ High-Performance Sub-1GHz O-QPSK and FSK Transciever
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1404P Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC1404P Datasheet HTML 3Page - Texas Instruments CC1404P Datasheet HTML 4Page - Texas Instruments CC1404P Datasheet HTML 5Page - Texas Instruments CC1404P Datasheet HTML 6Page - Texas Instruments CC1404P Datasheet HTML 7Page - Texas Instruments CC1404P Datasheet HTML 8Page - Texas Instruments CC1404P Datasheet HTML 9Page - Texas Instruments CC1404P Datasheet HTML 10Page - Texas Instruments CC1404P Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDDS(3)
Supply voltage
–0.3
3.9
V
Input voltage
Voltage on any digital pin(4)
–0.3
VDDS + 0.3, max 3.9
V
Input RF level
Input level, RF pins (RF_N, RF_P)
10
dBm
Input RF level
Input level, ULNA pins
0
dBm
Tstg
Storage temperature
–40
125
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions. If
outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully functional, and
this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
All voltage values are with respect to ground, unless otherwise noted.
(3)
VDDS_DCDC must be at the same potential as VDDS.
(4)
Including analog capable DIOs.
6.2 ESD Ratings
PARAMET
ER
PARAMETER
TEST CONDITIONS
VALUE
UNIT
VESD
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
All pins,
except ULNA_OUT
±2000
V
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
ULNA_OUT
±1500
V
Charged device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
All pins
±500
V
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process
6.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Operating ambient temperature(1)
Operating ambient temperature(1)
-40
105
°C
Operating supply voltage (VDDS)
1.71
3.8
V
Rising supply voltage slew rate
0
100
mV/µs
Falling supply voltage slew rate(2)
0
1
mV/µs
(1)
Operation at or near maximum operating temperature for extended durations will result in a reduction in lifetime.
(2)
For small coin-cell batteries, with high worst-case end-of-life equivalent source resistance, a 10µF VDDS input capacitor must be used
to ensure compliance with this slew rate.
www.ti.com
CC1404P
SWRS300 – SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: CC1404P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com