Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1404P Datasheet(PDF) 24 Page - Texas Instruments

Part # CC1404P
Description  CC1404P SimpleLink™ High-Performance Sub-1GHz O-QPSK and FSK Transciever
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1404P Datasheet(HTML) 24 Page - Texas Instruments

Back Button CC1404P Datasheet HTML 20Page - Texas Instruments CC1404P Datasheet HTML 21Page - Texas Instruments CC1404P Datasheet HTML 22Page - Texas Instruments CC1404P Datasheet HTML 23Page - Texas Instruments CC1404P Datasheet HTML 24Page - Texas Instruments CC1404P Datasheet HTML 25Page - Texas Instruments CC1404P Datasheet HTML 26Page - Texas Instruments CC1404P Datasheet HTML 27Page - Texas Instruments CC1404P Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
6.17 782MHz - 957MHz Receive (RX) (continued)
When measured on the BP-CC1404P-8-FE reference design with Tc = 25°C, VDDS = 3.6V.All measurements are performed
at the antenna input with a combined RX and TX path and through an RF switch as part of the reference design. All
measurements are performed conducted. All measurements are using 250 byte PSDU < 10% PER unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Selectivity, -200kHz
0.1% BER , 868.3MHz. Wanted level: -94dBm
40
dB
Blocking, +2MHz
0.1% BER , 868.3MHz. Wanted level: -94dBm
70
dB
Blocking, -2MHz
0.1% BER , 868.3MHz. Wanted level: -94dBm
68
dB
Blocking, +10MHz
0.1% BER , 868.3MHz. Wanted level: -94dBm
72
dB
Blocking, -10MHz
0.1% BER , 868.3MHz. Wanted level: -94dBm
81
dB
Blocking + 5% Fc. (45.75MHz)
20 byte PSDU < 10% PER, 866.6MHz, wanted signal -94dBm. 3dB above
usable sensitivity limit according to ETSI EN 300 220 V3.1.1 (usable sensitivity
-97dBm). Limit is Cat 1.5 requirement.
-14
dBm
Blocking - 5% Fc. (-45.75MHz)
20 byte PSDU < 10% PER, 866.6MHz, wanted signal -94dBm. 3dB above
usable sensitivity limit according to ETSI EN 300 220 V3.1.1 (usable sensitivity
-97dBm). Limit is Cat 1.5 requirement.
-12
dBm
Image rejection (image compensation
enabled)
0.1% BER , 868.3MHz.
41
dB
RSSI accuracy
Starting from the sensitivity limit across the given dynamic range
±3
dB
Frequency error tolerance (ppm)
0.1% BER , 868.3MHz. Wanted level: -94dBm. Negative offset
-50
ppm
Frequency error tolerance (ppm)
0.1% BER , 868.3MHz. Wanted level: -94dBm. Positive offset
50
ppm
Symbol rate error tolerance (ppm)
, 868.3MHz. Wanted level: -94dBm. Negative offset
-2000
ppm
Symbol rate error tolerance (ppm)
868.3MHz. Wanted level: -94dBm. Positive offset
2000
ppm
CC14xx Long Range, 1.25/2.5/5kbps (20ksps), ±5kHz deviation, 34kHz RX Bandwidth, FEC = 1:2, CL=4, DSSS = 1:8/1:4/1:2
Sensitivity
1.25kbps, BER = 0.1%, w/uLNA enabled, 868.3MHz
-122
dBm
Sensitivity
2.5kbps, BER = 0.1%, w/uLNA enabled, 868.3MHz
-121
dBm
Sensitivity
5kbps, BER = 0.1%, w/uLNA enabled, 868.3MHz
-119
dBm
Saturation limit
5kbps, BER = 0.1%, w/uLNA enabled, 868.3MHz
10
dBm
Selectivity, +100kHz
5kbps, BER = 0.1%, 868.3MHz
46
dB
Selectivity, -100kHz
5kbps, BER = 0.1%, 868.3MHz
48
dB
Blocking, +2MHz
5kbps, BER = 0.1%, 868.3MHz
76
dB
Blocking, -2MHz
5kbps, BER = 0.1%, 868.3MHz
73
dB
Blocking, +10MHz
5kbps, BER = 0.1%, 868.3MHz
76
dB
Blocking, -10MHz
5kbps, BER = 0.1%, 868.3MHz
83
dB
Blocking + 5% Fc. (43.42MHz)
5kbps, BER = 0.1%, 868.3MHz
-11
dBm
Blocking - 5% Fc. (43.42MHz)
5kbps, BER = 0.1%, 868.3MHz
-11
dBm
Image rejection (image compensation
enabled)
5kbps, BER = 0.1%, 868.3MHz
42
dB
RSSI accuracy
Starting from the sensitivity limit across the given dynamic range
±3
dB
Frequency error tolerance (ppm)
20 byte PSDU < 15% PER, measured at 10dB above sensitivity level. Negative
offset
-20
ppm
Frequency error tolerance (ppm)
20 byte PSDU < 15% PER, measured at 10dB above sensitivity level. Positive
offset
20
ppm
Symbol rate error tolerance (ppm)
250 byte PSDU < 15% PER, measured at 10dB above sensitivity level.
Negative offset
-150
ppm
Symbol rate error tolerance (ppm)
250 byte PSDU < 15% PER, measured at 10dB above sensitivity level.
Positive offset
150
ppm
Wireless M-Bus, C1 mode, 100kbps ±45kHz deviation, FSK, 282kHz RX_BW
Sensitivity, wM-BUS C1-mode
100kbps ±45kHz, 1% BER (wo/uLNA)
-107
dBm
Sensitivity, wM-BUS C1-mode
100kbps ±45kHz, 1% BER (w/uLNA)
-109
dBm
Saturation limit, wM-BUS C1-mode
100kbps ±45kHz, 1% BER (w/uLNA)
10
dBm
Selectivity, +400kHz
0.1% BER, wanted level -89.5dBm, CW interferer
48
dB
Selectivity, -400kHz
0.1% BER, wanted level -89.5dBm, CW interferer
40
dB
Image rejection (image compensation
enabled)
0.1% BER, wanted level -89.5dBm, CW interferer
37
dB
CC1404P
SWRS300 – SEPTEMBER 2026
www.ti.com
24
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: CC1404P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com