Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1404P Datasheet(PDF) 28 Page - Texas Instruments

Part # CC1404P
Description  CC1404P SimpleLink™ High-Performance Sub-1GHz O-QPSK and FSK Transciever
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1404P Datasheet(HTML) 28 Page - Texas Instruments

Back Button CC1404P Datasheet HTML 24Page - Texas Instruments CC1404P Datasheet HTML 25Page - Texas Instruments CC1404P Datasheet HTML 26Page - Texas Instruments CC1404P Datasheet HTML 27Page - Texas Instruments CC1404P Datasheet HTML 28Page - Texas Instruments CC1404P Datasheet HTML 29Page - Texas Instruments CC1404P Datasheet HTML 30Page - Texas Instruments CC1404P Datasheet HTML 31Page - Texas Instruments CC1404P Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
6.18 782 MHz - 957 MHz Transmit (TX)
When measured on the BP-CC1404P-8-FE reference design with Tc = 25 °C, VDDS = 3.6 V, fRF = 915 MHz with DC/DC
enabled unless otherwise noted. All measurements are performed at the antenna input with a combined RX and TX path.
All measurements are performed conducted. Unless otherwise noted, the 14 dBm setting is measured in a single ended RF
configurations and the 16dBm is in a differential configuration (using the same PA). The 22dBm PA is used in a differential
configuration.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
General parameters
Max output power
High Efficiency PA, single-ended mode 868 MHz and 915 MHz
14
dBm
Output power
programmable range
High Efficiency PA, single-ended mode 868 MHz and 915 MHz
44
dB
Output power variation
over temperature
High Efficiency PA, single-ended mode
+10 dBm setting Over recommended
temperature operating range
±2
dB
Output power variation
over temperature
High Efficiency PA, single-ended mode
Max Setting Over recommended temperature
operating range
±1.5
dB
Max output power
High Efficiency PA, differential mode
868 MHz and 915 MHz
16
dBm
Output power
programmable range
High Efficiency PA, differential mode
868 MHz and 915 MHz
46
dB
Output power variation
over temperature
High Efficiency PA, differential mode
+10 dBm setting Over recommended
temperature operating range
±2
dB
Output power variation
over temperature
High Efficiency PA, differential mode
Max Setting Over recommended temperature
operating range
±1.5
dB
Minimum TX power
High Efficiency PA, differential mode
50kbps FSK, 915MHz
-30
dBm
Packet payload size
0
250
2047
bytes
Frequency deviation
resolution
FSK
915 MHz
10
Hz
RF frequency resolution
All PHYs
915MHz
4
Hz
Max output power
High Power PA
868 MHz and 915 MHz
22
dBm
Output power
programmable range
High Power PA
868 MHz and 915 MHz
32
dB
Output power variation
over temperature
High Power PA
+10 dBm setting Over recommended
temperature operating range
±2
dB
Output power variation
over temperature
High Power PA
+22 dBm setting Over recommended
temperature operating range
±1.5
dB
Minimum TX power
High Power PA
50kbps FSK, 915MHz
-30
dBm
Max output power
High Power PA on VDDR
868 MHz and 915 MHz
15
dBm
Output power
programmable range
High Power PA on VDDR
868 MHz and 915 MHz
35
dB
Output power variation
over temperature
High Power PA on VDDR
+10 dBm setting Over recommended
temperature operating range
±2
dB
Output power variation
over temperature
High Power PA on VDDR
+16 dBm setting Over recommended
temperature operating range
±1.5
dB
Spurious emissions and harmonics (Constant amplitude waveforms)
ETSI
Spurious emissions
(excluding harmonics
30MHz to 1GHz
+14 dBm setting, ETSI restricted bands
< -54
dBm
+14 dBm setting,ETSI outside restricted
bands
< -36
dBm
1GHz to 12.75GHz (outside ETSI
restricted bands)
+14 dBm setting, measured in 1 MHz
bandwidth (ETSI)
< -30
dBm
output power
EN300220 V1.3.1 transient margin,
868.3MHz
+14 dBm setting
0
dB
FCC
CC1404P
SWRS300 – SEPTEMBER 2026
www.ti.com
28
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: CC1404P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com