Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1404P Datasheet(PDF) 35 Page - Texas Instruments

Part # CC1404P
Description  CC1404P SimpleLink™ High-Performance Sub-1GHz O-QPSK and FSK Transciever
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1404P Datasheet(HTML) 35 Page - Texas Instruments

Back Button CC1404P Datasheet HTML 31Page - Texas Instruments CC1404P Datasheet HTML 32Page - Texas Instruments CC1404P Datasheet HTML 33Page - Texas Instruments CC1404P Datasheet HTML 34Page - Texas Instruments CC1404P Datasheet HTML 35Page - Texas Instruments CC1404P Datasheet HTML 36Page - Texas Instruments CC1404P Datasheet HTML 37Page - Texas Instruments CC1404P Datasheet HTML 38Page - Texas Instruments CC1404P Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
7.5 Power Management
To minimize power consumption, the CC1404P supports a number of power modes and power management
features (see Table 7-2).
Table 7-2. Power Modes
MODE
POWER MODES
RESET PIN
HELD
ACTIVE
IDLE
STANDBY
SHUTDOWN
SRAM
On
On
Retention
Off
Off
Radio
Available
Available
Off
Off
Off
Supply System
On
On
Duty Cycled
Off
Off
Register and CPU retention
Full
Full
Partial
No
No
SRAM retention
Full
Full
Full
No
No
48MHz high-speed clock
HFOSC
HFOSC
Off
Off
Off
32kHz low-speed clock
LFOSC
LFOSC
LFOSC
Off
Off
Wake-up on RTC
Available
Available
Available
Off
Off
Wake-up on pin edge
Available
Available
Available
Available
Off
Wake-up on reset pin
On
On
On
On
On
Brownout detector (BOD)
On
On
Duty Cycled
Off
Off
Power-on reset (POR)
On
On
On
On
On
Watchdog timer (WDT)
Available
Available
Paused
Off
Off
In Active mode, the transceiver system CPU is actively executing code. Active mode provides normal operation
of all of the peripherals and radio subsystem.
In Standby mode, the transceiver is waiting for an external wake-up event or an RTC event to bring the device
back to active mode.
In Shutdown mode, the device is entirely turned off, and the I/Os are latched with the value they had before
entering shutdown mode. A change of state on any I/O pin defined as a wake from shutdown pin wakes up the
device and functions as a reset trigger.
www.ti.com
CC1404P
SWRS300 – SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: CC1404P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com