Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1404P Datasheet(PDF) 34 Page - Texas Instruments

Part # CC1404P
Description  CC1404P SimpleLink™ High-Performance Sub-1GHz O-QPSK and FSK Transciever
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1404P Datasheet(HTML) 34 Page - Texas Instruments

Back Button CC1404P Datasheet HTML 30Page - Texas Instruments CC1404P Datasheet HTML 31Page - Texas Instruments CC1404P Datasheet HTML 32Page - Texas Instruments CC1404P Datasheet HTML 33Page - Texas Instruments CC1404P Datasheet HTML 34Page - Texas Instruments CC1404P Datasheet HTML 35Page - Texas Instruments CC1404P Datasheet HTML 36Page - Texas Instruments CC1404P Datasheet HTML 37Page - Texas Instruments CC1404P Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
7.4 Proprietary Radio Form
The CC1404P radio supports a wide range of modulation formats, using a set of hardware accelerators with
combined modem firmware that covers a wide array of standards and proprietary modulation formats.
Feature Support gives a simplified overview of features of the various radio formats available in ROM. Other
radio formats may be available in the form of radio firmware patches or programs through the Software
Development Kit (SDK) and may combine features in a different manner, as well as add other features.
Table 7-1. Feature Support
FEATURE
2/4-(G)FSK
MODEM
(ALL devices)
O-QPSK MODEM
(CC1404P/07P)
OFDM
MODEM
(CC1407P)
SimpleLink™ Long Range (All
devices)
Programmable preamble,
sync word, and CRC
Yes
Yes
Fixed
Fixed
Programmable receive
bandwidth
Yes
Yes
No
Yes
Data / Symbol rate(3)
≤ 1000kbps
(2 (G)FSK))
≤ 1200kbps
(4 (G)FSK))
≤ 32.768kbps
(OOK)
≤ 100ksps
12.5kbps
to 2400kbps
≤ 20ksps
Modulation format
2-(G)FSK, 4-(G)FS
K, OOK
O-QPSK
OFDM
2-(G)FSK
Supported standards
SUN FSK, Wi-SUN
SUN O-QPSK
SUN OFDM, Wi-SUN
Dual Sync Word
Yes
No
No
No
Carrier Sense(1)(2)
Yes
Yes
Yes
No
Preamble Detection(2)
Yes
Yes
No
No
Data Whitening
Yes
Yes
Yes
Yes
Digital RSSI
Yes
Yes
Yes
Yes
CRC filtering
Yes
Yes
Yes
Yes
Direct-sequence spread
spectrum (DSSS)
No
No
No
1:2
1:4
1:8
Forward error correction
(FEC)
Yes
Yes
Yes
Yes
(1)
Carrier Sense can be used to implement HW-controlled listen-before-talk (LBT) and Clear Channel Assessment (CCA) for compliance
with such requirements in regulatory standards.
(2)
Carrier Sense and Preamble Detection can be used to implement sniff modes where the radio is duty-cycled to save power.
(3)
Data rates are only indicative. Data rates outside this range may also be supported. For some specific combinations of settings, a
smaller range might be supported.
CC1404P
SWRS300 – SEPTEMBER 2026
www.ti.com
34
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: CC1404P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com