Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1404P Datasheet(PDF) 14 Page - Texas Instruments

Part # CC1404P
Description  CC1404P SimpleLink™ High-Performance Sub-1GHz O-QPSK and FSK Transciever
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1404P Datasheet(HTML) 14 Page - Texas Instruments

Back Button CC1404P Datasheet HTML 10Page - Texas Instruments CC1404P Datasheet HTML 11Page - Texas Instruments CC1404P Datasheet HTML 12Page - Texas Instruments CC1404P Datasheet HTML 13Page - Texas Instruments CC1404P Datasheet HTML 14Page - Texas Instruments CC1404P Datasheet HTML 15Page - Texas Instruments CC1404P Datasheet HTML 16Page - Texas Instruments CC1404P Datasheet HTML 17Page - Texas Instruments CC1404P Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
6.17 782MHz - 957MHz Receive (RX) (continued)
When measured on the BP-CC1404P-8-FE reference design with Tc = 25°C, VDDS = 3.6V.All measurements are performed
at the antenna input with a combined RX and TX path and through an RF switch as part of the reference design. All
measurements are performed conducted. All measurements are using 250 byte PSDU < 10% PER unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Blocking - 5% Fc. (-43.42MHz)
10% PER, 250 byte payload, wanted level -91dBm, CW interferer
-14
dBm
RSSI accuracy
Starting from the sensitivity limit across the given dynamic range
±3
dB
Frequency error tolerance (ppm)
10% PER, 250 byte payload, measured at 10dB above sensitivity level.
Negative offset
-35
ppm
Frequency error tolerance (ppm)
10% PER, 250 byte payload, measured at 10dB above sensitivity level.
Positive offset
35
ppm
Symbol rate error tolerance (ppm)
10% PER, 250 byte payload, measured at 10dB above sensitivity level.
Negative offset
-1000
ppm
Symbol rate error tolerance (ppm)
10% PER, 250 byte payload, measured at 10dB above sensitivity level.
Positive offset
1000
ppm
Wi-SUN, 100kbps, ±25kHz deviation, FSK, 121kHz RX BW, #2a
Sensitivity
100kbps, ±25kHz deviation, FSK, 866.5MHz, 10% PER, 250 byte payload (w/
uLNA)
-109
dBm
Sensitivity
100ksps (50kbps), ±25kHz deviation, FSK, 866.5MHz, 10% PER, 250 byte
payload (w/uLNA), FEC enabled
-111
dBm
Saturation limit
10% PER, 250 byte payload, 866.6MHz
10
dBm
Selectivity, +200kHz
10% PER, 250 byte payload, wanted level -85dBm, CW interferer
45
dB
Selectivity, -200kHz
10% PER, 250 byte payload, wanted level -85dBm, CW interferer
43
dB
Selectivity, +400kHz
10% PER, 250 byte payload, wanted level -85dBm, CW interferer
51
dB
Selectivity, -400kHz
10% PER, 250 byte payload, wanted level -85dBm, CW interferer
49
dB
Image rejection (image compensation
enabled)
10% PER, 250 byte payload, wanted level -85dBm, CW interferer
40
dB
Blocking, +1MHz
10% PER, 250 byte payload, wanted level -91dBm, CW interferer
58
dB
Blocking, -1MHz
10% PER, 250 byte payload, wanted level -91dBm, CW interferer
58
dB
Blocking, +2MHz
10% PER, 250 byte payload, wanted level -91dBm, CW interferer
63
dB
Blocking, -2MHz
10% PER, 250 byte payload, wanted level -91dBm, CW interferer
63
dB
Blocking, +10MHz
10% PER, 250 byte payload, wanted level -91dBm, CW interferer
69
dB
Blocking, -10MHz
10% PER, 250 byte payload, wanted level -91dBm, CW interferer
78
dB
Blocking + 5% Fc. (43.42MHz)
10% PER, 250 byte payload, wanted level -91dBm, CW interferer
-18
dBm
Blocking - 5% Fc. (-43.42MHz)
10% PER, 250 byte payload, wanted level -91dBm, CW interferer
-15
dBm
RSSI accuracy
Starting from the sensitivity limit across the given dynamic range
±3
dB
Frequency error tolerance (ppm)
10% PER, 250 byte payload, measured at 10dB above sensitivity level.
Negative offset
-45
ppm
Frequency error tolerance (ppm)
10% PER, 250 byte payload, measured at 10dB above sensitivity level.
Positive offset
45
ppm
Symbol rate error tolerance (ppm)
10% PER, 250 byte payload, measured at 10dB above sensitivity level.
Negative offset
-1000
ppm
Symbol rate error tolerance (ppm)
10% PER, 250 byte payload, measured at 10dB above sensitivity level Positive
offset
1000
ppm
Wi-SUN, 100kbps, ±50kHz deviation, FSK, 160kHz RX BW, #2b
Sensitivity
100kbps, ±50kHz deviation, FSK, 922.5MHz, 10% PER, 250 byte payload (w/
uLNA)
-107
dBm
Sensitivity
100ksps (50kbps), ±50kHz deviation, FSK, 922.5MHz, 10% PER, 250 byte
payload (w/uLNA), FEC enabled
-111
dBm
Saturation limit
10% PER, 250 byte payload, 922.5MHz
10
dBm
Selectivity, +400kHz
10% PER, 250 byte payload, wanted level -85dBm, CW interferer
47
dB
Selectivity, -400kHz
10% PER, 250 byte payload, wanted level -85dBm, CW interferer
44
dB
Selectivity, +800kHz
10% PER, 250 byte payload, wanted level -85dBm, CW interferer
55
dB
Selectivity, -800kHz
10% PER, 250 byte payload, wanted level -85dBm, CW interferer
53
dB
Image rejection (image compensation
enabled)
10% PER, 250 byte payload, wanted level -85dBm, CW interferer
40
dB
CC1404P
SWRS300 – SEPTEMBER 2026
www.ti.com
14
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: CC1404P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com