Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1404P Datasheet(PDF) 18 Page - Texas Instruments

Part # CC1404P
Description  CC1404P SimpleLink™ High-Performance Sub-1GHz O-QPSK and FSK Transciever
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1404P Datasheet(HTML) 18 Page - Texas Instruments

Back Button CC1404P Datasheet HTML 14Page - Texas Instruments CC1404P Datasheet HTML 15Page - Texas Instruments CC1404P Datasheet HTML 16Page - Texas Instruments CC1404P Datasheet HTML 17Page - Texas Instruments CC1404P Datasheet HTML 18Page - Texas Instruments CC1404P Datasheet HTML 19Page - Texas Instruments CC1404P Datasheet HTML 20Page - Texas Instruments CC1404P Datasheet HTML 21Page - Texas Instruments CC1404P Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
6.17 782MHz - 957MHz Receive (RX) (continued)
When measured on the BP-CC1404P-8-FE reference design with Tc = 25°C, VDDS = 3.6V.All measurements are performed
at the antenna input with a combined RX and TX path and through an RF switch as part of the reference design. All
measurements are performed conducted. All measurements are using 250 byte PSDU < 10% PER unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Selectivity, -50kHz
O-QPSK, 0.75kbps, 15% PER, 20 byte PDSU
51
dB
Selectivity, -50kHz
O-QPSK, 1.5kbps, 15% PER, 20 byte PDSU
51
dB
Selectivity, -50kHz
O-QPSK, 3kbps, 15% PER, 20 byte PDSU
50
dB
Selectivity, -50kHz
O-QPSK, 6kbps, 15% PER, 20 byte PDSU
49
dB
Image rejection (image compensation
enabled)
O-QPSK, 0.75kbps, 15% PER, 20 byte PDSU
44
dB
O-QPSK, 1.5kbps, 10% PER, 20 byte PDSU
42
dB
O-QPSK, 3kbps, 10% PER, 20 byte PDSU
41
dB
O-QPSK, 6kbps, 10% PER, 20 byte PDSU
39
dB
Blocking, +2MHz
O-QPSK, 0.75kbps, 10% PER, 20 byte PDSU
87
dB
O-QPSK, 1.5kbps, 10% PER, 20 byte PDSU
86
dB
O-QPSK, 3kbps, 10% PER, 20 byte PDSU
84
dB
O-QPSK, 6kbps, 10% PER, 20 byte PDSU
84
dB
Blocking, -2MHz
O-QPSK, 0.75kbps, 10% PER, 20 byte PDSU
84
dB
O-QPSK, 1.5kbps, 10% PER, 20 byte PDSU
83
dB
O-QPSK, 3kbps, 10% PER, 20 byte PDSU
80
dB
O-QPSK, 6kbps, 10% PER, 20 byte PDSU
80
dB
Blocking, +10MHz
O-QPSK, 0.75kbps, 10% PER, 20 byte PDSU
85
dB
O-QPSK, 1.5kbps, 10% PER, 20 byte PDSU
84
dB
O-QPSK, 3kbps, 10% PER, 20 byte PDSU
83
dB
O-QPSK, 6kbps, 10% PER, 20 byte PDSU
83
dB
Blocking, -10MHz
O-QPSK, 0.75kbps, 10% PER, 20 byte PDSU
90
dB
O-QPSK, 1.5kbps, 10% PER, 20 byte PDSU
90
dB
O-QPSK, 3kbps, 10% PER, 20 byte PDSU
90
dB
O-QPSK, 6kbps, 10% PER, 20 byte PDSU
90
dB
Blocking + 5% Fc. (43.42MHz)
O-QPSK, 0.75kbps, 10% PER, 20 byte PDSU
-10
dBm
O-QPSK, 1.5kbps, 10% PER, 20 byte PDSU
-10
dBm
O-QPSK, 3kbps, 10% PER, 20 byte PDSU
-10
dBm
O-QPSK, 6kbps, 10% PER, 20 byte PDSU
-10
dBm
Blocking - 5% Fc. (-43.42MHz)
O-QPSK, 0.75kbps, 10% PER, 20 byte PDSU
-10
dBm
O-QPSK,1.5kbps, 10% PER, 20 byte PDSU
-10
dBm
O-QPSK, 3kbps, 10% PER, 20 byte PDSU
-10
dBm
O-QPSK, 6kbps, 10% PER, 20 byte PDSU
-10
dBm
RSSI dynamic range
Starting from the sensitivity limit
95
dB
RSSI accuracy
Starting from the sensitivity limit across the given dynamic range
±3
dB
Frequency error tolerance (ppm)
Measured at 10dB above sensitivity level. Negative offset
-4
ppm
Frequency error tolerance (ppm)
Measured at 10dB above sensitivity level. Positive offset
5
ppm
SUN O-QPSK, 6.25-50kbps, 178KHz RX BW
Sensitivity
O-QPSK, 6.25kbps, 920.8MHz, 10% PER, 20 byte PDSU (w/uLNA)
-121
dBm
O-QPSK, 12.5kbps, 920.8MHz,10% PER, 20 byte PDSU (w/uLNA)
-120
dBm
O-QPSK, 25kbps, 920.8MHz, 10% PER, 20 byte PDSU (w/uLNA)
-118
dBm
O-QPSK, 50kbps, 920.8MHz, 10% PER, 250 byte PDSU (w/uLNA)
-116
dBm
Sensitivity
O-QPSK, 6.25kbps, 868.3MHz, 10% PER, 20 byte PDSU (w/uLNA)
-121
dBm
Sensitivity
O-QPSK, 12.5kbps, 868.3MHz,10% PER, 20 byte PDSU (w/uLNA)
-120
dBm
Sensitivity
O-QPSK, 25kbps, 868.3MHz, 10% PER, 20 byte PDSU (w/uLNA)
-118
dBm
Sensitivity
O-QPSK, 50kbps, 868.3MHz, 10% PER, 250 byte PDSU (w/uLNA)
-117
dBm
CC1404P
SWRS300 – SEPTEMBER 2026
www.ti.com
18
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: CC1404P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com