Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1404P Datasheet(PDF) 29 Page - Texas Instruments

Part # CC1404P
Description  CC1404P SimpleLink™ High-Performance Sub-1GHz O-QPSK and FSK Transciever
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1404P Datasheet(HTML) 29 Page - Texas Instruments

Back Button CC1404P Datasheet HTML 25Page - Texas Instruments CC1404P Datasheet HTML 26Page - Texas Instruments CC1404P Datasheet HTML 27Page - Texas Instruments CC1404P Datasheet HTML 28Page - Texas Instruments CC1404P Datasheet HTML 29Page - Texas Instruments CC1404P Datasheet HTML 30Page - Texas Instruments CC1404P Datasheet HTML 31Page - Texas Instruments CC1404P Datasheet HTML 32Page - Texas Instruments CC1404P Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
6.18 782 MHz - 957 MHz Transmit (TX) (continued)
When measured on the BP-CC1404P-8-FE reference design with Tc = 25 °C, VDDS = 3.6 V, fRF = 915 MHz with DC/DC
enabled unless otherwise noted. All measurements are performed at the antenna input with a combined RX and TX path.
All measurements are performed conducted. Unless otherwise noted, the 14 dBm setting is measured in a single ended RF
configurations and the 16dBm is in a differential configuration (using the same PA). The 22dBm PA is used in a differential
configuration.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Spurious emissions out-
of-band, 915MHz
30MHz to 88MHz (within FCC
restricted bands)
+14 dBm setting
< -56
dBm
88MHz to 216MHz (within FCC
restricted bands)
+14 dBm setting
< -52
dBm
216MHz to 960MHz (within FCC
restricted bands)
+14 dBm setting
< -50
dBm
960MHz to 2390MHz and above
2483.5MHz (within FCC restricted
band)
+14 dBm setting
<-42
dBm
1GHz to 12.75GHz (outside FCC
restricted bands)
+14 dBm setting
< -40
dBm
Spurious emissions out-
of-band, 915MHz (High
Power PA)
30MHz to 88MHz (within FCC
restricted bands)
+22 dBm setting
< -56
dBm
88MHz to 216MHz (within FCC
restricted bands)
+22 dBm setting
< -52
dBm
216MHz to 960MHz (within FCC
restricted bands)
+22 dBm setting
< -50
dBm
960MHz to 2390MHz and above
2483.5MHz (within FCC restricted
band)
+22 dBm setting
< -42
dBm
1GHz to 12.75GHz (outside FCC
restricted bands)
+22 dBm setting
< -40
dBm
www.ti.com
CC1404P
SWRS300 – SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: CC1404P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com