Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1404P Datasheet(PDF) 4 Page - Texas Instruments

Part # CC1404P
Description  CC1404P SimpleLink™ High-Performance Sub-1GHz O-QPSK and FSK Transciever
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1404P Datasheet(HTML) 4 Page - Texas Instruments

  CC1404P Datasheet HTML 1Page - Texas Instruments CC1404P Datasheet HTML 2Page - Texas Instruments CC1404P Datasheet HTML 3Page - Texas Instruments CC1404P Datasheet HTML 4Page - Texas Instruments CC1404P Datasheet HTML 5Page - Texas Instruments CC1404P Datasheet HTML 6Page - Texas Instruments CC1404P Datasheet HTML 7Page - Texas Instruments CC1404P Datasheet HTML 8Page - Texas Instruments CC1404P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................2
4 Device Comparison......................................................... 4
5 Pin Configuration and Functions...................................5
6 Specifications.................................................................. 7
6.1 Absolute Maximum Ratings........................................ 7
6.2 ESD Ratings............................................................... 7
6.3 Recommended Operating Conditions.........................7
6.4 Power Consumption (Power Modes).......................... 8
6.5 Power Consumption (Radio Modes)........................... 9
6.6 RF Frequency Bands.................................................. 9
6.7 Reset Timing...............................................................9
6.8 Temperature Sensor................................................... 9
6.9 Battery Monitor............................................................9
6.10 GPIO DC Characteristics.......................................... 9
6.11 SPI Characteristics..................................................10
6.12 DC/DC.....................................................................10
6.13 48MHz Crystal Oscillator (HFXT)............................10
6.14 48MHz Clock Output Buffer.................................... 10
6.15 48MHz Clock Input (TCXO).................................... 11
6.16 32kHz RC Oscillator (LFOSC)................................ 11
6.17 782MHz - 957MHz Receive (RX)............................12
6.18 782 MHz - 957 MHz Transmit (TX)......................... 28
6.19 RF PLL Phase Noise and Spurious........................ 31
7 Detailed Description......................................................32
7.1 Radio (RF Core)........................................................32
7.2 Memory..................................................................... 33
7.3 Battery and Temperature Monitor............................. 33
7.4 Proprietary Radio Form ............................................34
7.5 Power Management..................................................35
8 Application, Implementation, and Layout................... 36
8.1 Reference Designs................................................... 36
9 Device and Documentation Support............................39
9.1 Device Nomenclature................................................39
9.2 Tools and Software................................................... 39
9.3 Receiving Notification of Documentation Updates....40
9.4 Documentation Support............................................ 40
9.5 Trademarks...............................................................41
9.6 Electrostatic Discharge Caution................................41
9.7 Export Control Notice................................................41
9.8 Glossary....................................................................41
10 Revision History.......................................................... 41
11 Mechanical, Packaging, and Orderable
Information.................................................................... 41
11.1 Packaging Information............................................ 41
4 Device Comparison
Table 4-1. Device Family Overview
DEVICE
RADIO SUPPORT
MODEM CAPABILITIES
GPIO
PACKAGE SIZE
CC1407P
Sub-1GHz
SUN OFDM, OFDM-Long Range
(OFDM-LR), SUN FSK, SUN O-
QPSK, 2-(G)FSK, 4-(G) FSK, MSK,
O-QPSK and OOK
8
RKP (VQFN40) (5mm × 5mm)
CC1404P
Sub-1GHz
SUN FSK, SUN O-QPSK, 2-(G)FSK,
4-(G) FSK, MSK, O-QPSK and OOK
8
RKP (VQFN40) (5mm × 5mm)
CC1402P
Sub-1GHz
SUN FSK, 2-(G)FSK, 4-(G) FSK and
MSK
8
RKP (VQFN40) (5mm × 5mm)
CC1404P
SWRS300 – SEPTEMBER 2026
www.ti.com
4
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: CC1404P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com