Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1404P Datasheet(PDF) 31 Page - Texas Instruments

Part # CC1404P
Description  CC1404P SimpleLink™ High-Performance Sub-1GHz O-QPSK and FSK Transciever
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1404P Datasheet(HTML) 31 Page - Texas Instruments

Back Button CC1404P Datasheet HTML 27Page - Texas Instruments CC1404P Datasheet HTML 28Page - Texas Instruments CC1404P Datasheet HTML 29Page - Texas Instruments CC1404P Datasheet HTML 30Page - Texas Instruments CC1404P Datasheet HTML 31Page - Texas Instruments CC1404P Datasheet HTML 32Page - Texas Instruments CC1404P Datasheet HTML 33Page - Texas Instruments CC1404P Datasheet HTML 34Page - Texas Instruments CC1404P Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
6.18 782 MHz - 957 MHz Transmit (TX) (continued)
When measured on the BP-CC1404P-8-FE reference design with Tc = 25 °C, VDDS = 3.6 V, fRF = 915 MHz with DC/DC
enabled unless otherwise noted. All measurements are performed at the antenna input with a combined RX and TX path.
All measurements are performed conducted. Unless otherwise noted, the 14 dBm setting is measured in a single ended RF
configurations and the 16dBm is in a differential configuration (using the same PA). The 22dBm PA is used in a differential
configuration.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Adjacent channel power
rejection, High Power PA
Adjacent channel. 10kbps, h=1.0,
926.2MHz
Max setting, channel spacing = 50 kHz, offset
frequency = 30 kHz, integration BW = 15 kHz
-25
dBc
Alternate channel power
rejection, High Power PA
Alternate channel. 10kbps, h=1.0,
926.2MHz
Max setting, channel spacing = 50 kHz, offset
frequency = 60 kHz, integration BW = 15 kHz
-35
dBc
Adjacent channel power
rejection, High Efficiency
PA
Adjacent channel. 20kbps, h=1.0,
918.2MHz
Max setting, channel spacing = 100 kHz,
offset frequency = 60 kHz, integration BW =
30 kHz
-25
dBc
Alternate channel power
rejection, High Efficiency
PA
Alternate channel. 20kbps, h=1.0,
918.2MHz
Max setting, channel spacing = 100 kHz,
offset frequency = 120 kHz, integration BW =
30 kHz
-35
dBc
Adjacent channel power
rejection, High Power PA
Adjacent channel. 20kbps, h=1.0,
926.2MHz
Max setting, channel spacing = 100 kHz,
offset frequency = 60 kHz, integration BW =
30 kHz
-25
dBc
Alternate channel power
rejection, High Power PA
Alternate channel. 20kbps, h=0.5,
926.2MHz
Max setting, channel spacing = 100 kHz,
offset frequency = 120 kHz, integration BW =
30 kHz
-35
dBc
Minimum TX power
High Efficiency PA port
915MHz, TX power =min setting
-10
dBm
Adjacent Channel Power
9.6kbps ± 2.4kHz, narrowband PLL
setting, ± 25kHz
+14 dBm, integrated over 0,7 × 25 kHz
(OCW), 869.225 MHz
-29
dBm
Alternate Channel Power
9.6kbps ± 2.4kHz, narrowband PLL
setting, ± 50kHz
+14 dBm, integrated over 0,7 × 25 kHz
(OCW), 869.225 MHz
-34
dBm
Adjacent Channel Power
9.6kbps ± 2.4kHz, narrowband PLL
setting, ± 25kHz
+22 dBm, integrated over 0,7 × 25 kHz
(OCW), 869.525 MHz
-21
dBm
Alternate Channel Power
9.6kbps ± 2.4kHz, narrowband PLL
setting, ± 50kHz
+22 dBm, integrated over 0,7 × 25 kHz
(OCW), 869.525 MHz
-26
dBm
6.19 RF PLL Phase Noise and Spurious
When Measured on the BP-CC1404P-8-FE reference design with Tc = 25 °C, VDDS = 3.6 V. All measurements are performed
at the antenna input with a combined RX and TX path.
All measurements are performed conducted. All measurements are using 250 byte PSDU < 10% PER unless otherwise
noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
782 MHz - 957 MHz - Narrowband mode
Phase noise in the 868- and 915-MHz bands
(narrowband settings)
±10 kHz offset
–103
dBc/Hz
±100 kHz offset
–97
dBc/Hz
±200 kHz offset
–101
dBc/Hz
±400 kHz offset
–113
dBc/Hz
±1000 kHz offset
–125
dBc/Hz
±2000 kHz offset
–130
dBc/Hz
±10000 kHz offset
–140
dBc/Hz
782 MHz - 957 MHz - High data rate mode
Phase noise in the 868- and 915-MHz bands
(General purpose, wideband settings)
±10 kHz offset
–83
dBc/Hz
±100 kHz offset
–100
dBc/Hz
±200 kHz offset
–107
dBc/Hz
±400 kHz offset
–114
dBc/Hz
±1000 kHz offset
–123
dBc/Hz
±2000 kHz offset
–128
dBc/Hz
±10000 kHz offset
–140
dBc/Hz
www.ti.com
CC1404P
SWRS300 – SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: CC1404P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com