Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1404P Datasheet(PDF) 10 Page - Texas Instruments

Part # CC1404P
Description  CC1404P SimpleLink™ High-Performance Sub-1GHz O-QPSK and FSK Transciever
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1404P Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC1404P Datasheet HTML 6Page - Texas Instruments CC1404P Datasheet HTML 7Page - Texas Instruments CC1404P Datasheet HTML 8Page - Texas Instruments CC1404P Datasheet HTML 9Page - Texas Instruments CC1404P Datasheet HTML 10Page - Texas Instruments CC1404P Datasheet HTML 11Page - Texas Instruments CC1404P Datasheet HTML 12Page - Texas Instruments CC1404P Datasheet HTML 13Page - Texas Instruments CC1404P Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Measured on a Texas Instruments reference design with Tc = 25°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
Lowest GPIO input voltage reliably
interpreted as a High
0.8*VDDS
V
VIL
Highest GPIO input voltage reliably
interpreted as a Low
0.2*VDDS
V
6.11 SPI Characteristics
Over operating free-air temperature range (unless otherwise noted)
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fSCLK
1/tsclk
SPI clock frequency
Secondary Mode 2.97V < VDDS < 3.8V
12
MHz
Secondary Mode VDDS < 2.97V
8
DCSCK
SCK duty cycle
45%
50%
55%
6.12 DC/DC
When Measured on the BP-CC1404P-8-FE reference design with Tc = 25°C, VDDS = 3.6V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Inductor at VDDR pin
2.2
µH
Load capacitor at VDDR pin
10
µF
6.13 48MHz Crystal Oscillator (HFXT)
Measured on a Texas Instruments reference design with Tc = 25°C, VDDS = 3.6V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Crystal frequency
Recommended BOM and
layout
48
MHz
ESR
Equivalent series resistance 6 pF < CL ≤ 9 pF
20
60
Ω
ESR
Equivalent series resistance 5 pF < CL ≤ 6 pF
80
Ω
CL
Crystal load capacitance(3)
5
7(2)
9
pF
Start-up
time(1)
Until clock is qualified, 48MHz crystals only
200
µs
(1)
Start-up time using the TI-provided power driver. Start-up time may increase if driver is not used.
(2)
On-chip default connected capacitance including reference design parasitic capacitance.
(3)
Adjustable load capacitance is integrated into the device. External load capacitors are required for systems targeting compliance with
certain regulations.
6.14 48MHz Clock Output Buffer
Measured on a Texas Instruments reference design with Tc = 25°C, VDDS = 3.6V, unless otherwise noted.(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Clock frequency
48
MHz
Startup time
Recommended BOM and layout
500
µs
Load capacitance
PCB + parasitics on receiving input pin
2
5
10
pF
Clipped sine output, average voltage
CL=10pF (trimmed)
0.65
V
Clipped sine output, peak-to-peak
0.6
1.24
V
Current consumption when active
2
mA
(1)
Probing or otherwise stopping the TCXO while the DC/DC converter is enabled may cause permanent damage to the device.
CC1404P
SWRS300 – SEPTEMBER 2026
www.ti.com
10
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: CC1404P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com