Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1404P Datasheet(PDF) 12 Page - Texas Instruments

Part # CC1404P
Description  CC1404P SimpleLink™ High-Performance Sub-1GHz O-QPSK and FSK Transciever
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1404P Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC1404P Datasheet HTML 8Page - Texas Instruments CC1404P Datasheet HTML 9Page - Texas Instruments CC1404P Datasheet HTML 10Page - Texas Instruments CC1404P Datasheet HTML 11Page - Texas Instruments CC1404P Datasheet HTML 12Page - Texas Instruments CC1404P Datasheet HTML 13Page - Texas Instruments CC1404P Datasheet HTML 14Page - Texas Instruments CC1404P Datasheet HTML 15Page - Texas Instruments CC1404P Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
6.17 782MHz - 957MHz Receive (RX)
When measured on the BP-CC1404P-8-FE reference design with Tc = 25°C, VDDS = 3.6V.All measurements are performed
at the antenna input with a combined RX and TX path and through an RF switch as part of the reference design. All
measurements are performed conducted. All measurements are using 250 byte PSDU < 10% PER unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
General Parameters
Digital channel filter programmable
receive bandwidth
1.2
1700
kHz
Data rate
2FSK mode
1000
kbps
Data rate
4FSK mode
1200
kbps
Data rate
O-QPSK mode
400
kbps
Data rate step size (FSK modem)
1.5
bps
Spurious emissions 25MHz to 1GHz
868MHz Conducted emissions measured according to ETSI EN 300 220
< -57
dBm
Spurious emissions 1GHz to 13GHz
< -47
dBm
Prop FSK, 50kbps, ±25kHz deviation, 85kHz RX BW
Sensitivity
50kbps, ±25kHz deviation, FSK, 868.3MHz, without uLNA, BER 0.1%
-108
dBm
Radiated sensitivity (Over the air
measurement)
50kbps, ±25kHz deviation, FSK, 868.3MHz, with uLNA, with DCDC, BER 0.1%
-110
dBm
Sensitivity
50kbps, ±25kHz deviation, FSK, 868.3MHz, with uLNA, BER 0.1%
-112
dBm
Saturation limit
BER 0.1%
10
dBm
Selectivity, +100kHz
Wanted Level -94dBm, CW interferer, BER 0.1%
42
dB
Selectivity, -100kHz
Wanted Level -94dBm, CW interferer, BER 0.1%
40
dB
Selectivity, +200kHz
Wanted Level -94dBm, CW interferer, BER 0.1%Wanted Level -94dBm, CW
interferer, BER 0.1%
50
dB
Selectivity, -200kHz
Wanted Level -94dBm, CW interferer, BER 0.1%
45
dB
Blocking, +1MHz
Wanted Level -94dBm, CW interferer, BER 0.1%
63
dB
Blocking, -1MHz
Wanted Level -94dBm, CW interferer, BER 0.1%
63
dB
Blocking, +2MHz
Wanted Level -94dBm, CW interferer, BER 0.1%
69
dB
Blocking, -2MHz
Wanted Level -94dBm, CW interferer, BER 0.1%
67
dB
Blocking, +5MHz
Wanted Level -94dBm, CW interferer, BER 0.1%
74
dB
Blocking, -5MHz
Wanted Level -94dBm, CW interferer, BER 0.1%
79
dB
Blocking, +10MHz
Wanted Level -94dBm, CW interferer, BER 0.1%
72
dB
Blocking, -10MHz
Wanted Level -94dBm, CW interferer, BER 0.1%
82
dB
Image rejection
Wanted Level -94dBm, CW interferer, BER 0.1%
49
dB
Image rejection
Wanted Level -94dBm, BER 0.1%
20
dB
RSSI accuracy
Starting from the sensitivity limit across the given dynamic range
±3
dB
Frequency error tolerance (ppm)
Measured at 10dB above sensitivity level. Negative offset
-35
ppm
Frequency error tolerance (ppm)
Measured at 10dB above sensitivity level. Positive offset
35
ppm
Low Power FSK 50kbps, ±25kHz deviation, 95kHz RX BW
Sensitivity
BER = 0.1%, Low Power Mode FSK, 918.2MHz, (wo/uLNA)
-107
dBm
Saturation limit
BER = 0.1%, 918.2MHz, (wo/uLNA)
10
dBm
Selectivity, +200kHz
BER = 0.1%, 918.2MHz, (wo/uLNA), wanted level -91dBm, CW interferer
45
dB
Selectivity, -200kHz
BER = 0.1%, 918.2MHz, (wo/uLNA), wanted level -91dBm, CW interferer
42
dB
Blocking, +2MHz
BER = 0.1%, 918.2MHz, (wo/uLNA), wanted level -91dBm, CW interferer
63
dB
Blocking, -2MHz
BER = 0.1%, 918.2MHz, (wo/uLNA), wanted level -91dBm, CW interferer
63
dB
Blocking, +10MHz
BER = 0.1%, 918.2MHz, (wo/uLNA), wanted level -91dBm, CW interferer
67
dB
Blocking, -10MHz
BER = 0.1%, 918.2MHz, (wo/uLNA), wanted level -91dBm, CW interferer
73
dB
Image rejection
BER = 0.1%, 918.2MHz, (wo/uLNA), wanted level -91dBm
37
dB
RSSI dynamic range
Starting from the sensitivity limit
95
dB
RSSI accuracy
Starting from the sensitivity limit across the given dynamic range
±3
dB
Frequency error tolerance (ppm)
Measured at 10dB above sensitivity level. Negative offset
-40
ppm
Frequency error tolerance (ppm)
Measured at 10dB above sensitivity level. Positive offset
40
ppm
CC1404P
SWRS300 – SEPTEMBER 2026
www.ti.com
12
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: CC1404P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com