Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1404P Datasheet(PDF) 5 Page - Texas Instruments

Part # CC1404P
Description  CC1404P SimpleLink™ High-Performance Sub-1GHz O-QPSK and FSK Transciever
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1404P Datasheet(HTML) 5 Page - Texas Instruments

  CC1404P Datasheet HTML 1Page - Texas Instruments CC1404P Datasheet HTML 2Page - Texas Instruments CC1404P Datasheet HTML 3Page - Texas Instruments CC1404P Datasheet HTML 4Page - Texas Instruments CC1404P Datasheet HTML 5Page - Texas Instruments CC1404P Datasheet HTML 6Page - Texas Instruments CC1404P Datasheet HTML 7Page - Texas Instruments CC1404P Datasheet HTML 8Page - Texas Instruments CC1404P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
5 Pin Configuration and Functions
Figure 5-1. RKP (5mm × 5mm) Pinout, 0.4mm Pitch (Top View)
Table 5-1. Pin Functions
PIN
I/O
TYPE
DESCRIPTION
NAME
NO.
RF_N
39
I/O
RF
Analog Differential TX/RX Port
RF_P
38
I/O
RF
Analog Differential TX/RX Port
PA_P
7
O
RF
Analog Differential TX output
PA_N
6
O
RF
Analog Differential TX output
ULNA_IN
3
I
RF
Analog Single ended port
ULNA_OUT
2
O
RF
Analog Single ended port
RXTX
1
O
RF
Optional bias pin for the RF LNA
DIO0 (ADC)
10
I/O
Digital
Digital GPIO
DIO1 (INT)
12
I/O
Digital
Digital GPIO (SPI Interrupt signal)
DIO2
18
I/O
Digital
Digital GPIO
DIO3
19
I/O
Digital
Digital GPIO
DIO4
22
I/O
Digital
Digital GPIO
DIO5
23
I/O
Digital
Digital GPIO
DIO6
24
I/O
Digital
Digital GPIO
DIO7
26
I/O
Digital
Digital GPIO
CSN
15
I
Digital
SPI active-low chip select
SCLK
14
I
Digital
SPI clock
PICO
17
I
Digital
SPI data in
POCI
16
O
Digital
SPI data out
CLK_OUT_1P2V
33
O
Analog
48MHz clock out
www.ti.com
CC1404P
SWRS300 – SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: CC1404P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com