Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1404P Datasheet(PDF) 9 Page - Texas Instruments

Part # CC1404P
Description  CC1404P SimpleLink™ High-Performance Sub-1GHz O-QPSK and FSK Transciever
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1404P Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC1404P Datasheet HTML 5Page - Texas Instruments CC1404P Datasheet HTML 6Page - Texas Instruments CC1404P Datasheet HTML 7Page - Texas Instruments CC1404P Datasheet HTML 8Page - Texas Instruments CC1404P Datasheet HTML 9Page - Texas Instruments CC1404P Datasheet HTML 10Page - Texas Instruments CC1404P Datasheet HTML 11Page - Texas Instruments CC1404P Datasheet HTML 12Page - Texas Instruments CC1404P Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
6.5 Power Consumption (Radio Modes)
When measured on the BP-CC1404P-8-FE reference design with Tc = 25 °C, VDDS = 3.6 V with DCDC on unless otherwise
noted. All measurements are performed at the antenna input with a combined RX and TX path.
All measurements are performed conducted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Radio receive current
915MHz RX current consumption FSK, low-power mode
6.9
mA
Radio transmit current
10dBm FSK output power setting, High Power PA supplied from VDDS, 915MHz
47
mA
Radio transmit current
22dBm FSK output power setting, High Power PA supplied from VDDS, 915MHz
134
mA
Radio receive current
915MHz RX current consumption FSK, ULNA, VDDS 3.6V
8.4
mA
Radio transmit current
14dBm FSK output power setting, single-ended mode, High Efficiency PA, 915MHz,
3.6V
22
mA
6.6 RF Frequency Bands
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Start and stop frequency range
RF divider 4
1173
1435
MHz
Start and stop frequency range
RF divider 5
938
1149
MHz
Start and stop frequency range
RF divider 6
782
957
MHz
Start and stop frequency range
RF divider 8
587
718
MHz
Start and stop frequency range
RF divider 10
469
574
MHz
Start and stop frequency range
RF divider 12
391
479
MHz
Start and stop frequency range
RF divider 15
313
383
MHz
Start and stop frequency range
RF divider 16
294
359
MHz
Start and stop frequency range
RF divider 20
235
287
MHz
Start and stop frequency range
RF divider 24
196
239
MHz
Start and stop frequency range
RF divider 30
157
191
MHz
Start and stop frequency range
RF divider 32
147
179
MHz
Start and stop frequency range
RF divider 40
118
144
MHz
6.7 Reset Timing
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RSTN low duration
1
µs
6.8 Temperature Sensor
Measured on a Texas Instruments reference design with Tc = 25°C, VDDS = 3.6V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
1.7
°C
6.9 Battery Monitor
Measured on a Texas Instruments reference design with Tc = 25°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
VDDS = 3.0V
22
mV
Range
1.7
3.8
V
6.10 GPIO DC Characteristics
Measured on a Texas Instruments reference design with Tc = 25°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Ambient operating temperature (TA = 25 °C)
www.ti.com
CC1404P
SWRS300 – SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: CC1404P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com