Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1404P Datasheet(PDF) 32 Page - Texas Instruments

Part # CC1404P
Description  CC1404P SimpleLink™ High-Performance Sub-1GHz O-QPSK and FSK Transciever
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1404P Datasheet(HTML) 32 Page - Texas Instruments

Back Button CC1404P Datasheet HTML 28Page - Texas Instruments CC1404P Datasheet HTML 29Page - Texas Instruments CC1404P Datasheet HTML 30Page - Texas Instruments CC1404P Datasheet HTML 31Page - Texas Instruments CC1404P Datasheet HTML 32Page - Texas Instruments CC1404P Datasheet HTML 33Page - Texas Instruments CC1404P Datasheet HTML 34Page - Texas Instruments CC1404P Datasheet HTML 35Page - Texas Instruments CC1404P Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
7 Detailed Description
The RF core is a highly flexible and future-proof radio module that contains a 32-bit processor that interfaces
the analog RF and base-band circuitry, handles data to and from the system CPU side, and assembles the
information bits in a given packet structure. The RF core offers a high-level, command-based API through the
SPI interface to the host CPU where configurations and data are passed through.
The RF core can autonomously handle the time-critical aspects of the radio protocols, which reduces power and
leaves more resources for the user application. Several signals are also available to control external circuitry,
such as RF switches or range extenders autonomously.
The various physical layer radio formats are partly built as a software-defined radio where the radio behavior
is delivered in the form of firmware patches. This allows the radio platform to be updated for support of future
versions of standards, even with over-the-air (OTA) updates while still using the same silicon.
7.1 Radio (RF Core)
The low-power RF Core (LRF) implements a high-performance and highly flexible RF subsystem containing
RF and baseband circuitry in addition to a software-defined digital radio (LRFD). LRFD provides a high-level,
command-based API to a host CPU and handles all of the timing-critical and low-level details of many different
radio PHYs. Several signals are also available to control external circuitry, such as RF switches or range
extenders, autonomously. The modem is highly configurable and has the flexibility to support future standards. It
is not programmable by customers but is instead loaded with precompiled images provided in the radio driver in
the SimpleLink™ software development kit (SDK). This mechanism allows the radio platform to be updated for
support of future versions of standards with over-the-air (OTA) updates while still using the same silicon. LRFD
stores the code images in the RF SRAM and does not make use of any ROM memory; thus, image loading from
flash only occurs once after boot, and no patching is required when exiting power modes.
CC1404P
SWRS300 – SEPTEMBER 2026
www.ti.com
32
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: CC1404P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com