Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1404P Datasheet(PDF) 39 Page - Texas Instruments

Part # CC1404P
Description  CC1404P SimpleLink™ High-Performance Sub-1GHz O-QPSK and FSK Transciever
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1404P Datasheet(HTML) 39 Page - Texas Instruments

Back Button CC1404P Datasheet HTML 35Page - Texas Instruments CC1404P Datasheet HTML 36Page - Texas Instruments CC1404P Datasheet HTML 37Page - Texas Instruments CC1404P Datasheet HTML 38Page - Texas Instruments CC1404P Datasheet HTML 39Page - Texas Instruments CC1404P Datasheet HTML 40Page - Texas Instruments CC1404P Datasheet HTML 41Page - Texas Instruments CC1404P Datasheet HTML 42Page - Texas Instruments CC1404P Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
9 Device and Documentation Support
TI offers an extensive line of tools and software that support development. The tools to evaluate the performance
of the device, generate code, and develop solutions are listed below.
9.1 Device Nomenclature
To designate the stages in the product development cycle, TI assigns prefixes to all part numbers and/or date-
codes. Each device has one of three prefixes/identifications: X, P, or null (no prefix) (for example, XCC1404P is
in preview; therefore, an X prefix/identification is assigned).
Device development evolutionary flow:
X
Experimental device that is not necessarily representative of the final device's electrical specifications and
may not use production assembly flow.
P
Prototype device that is not necessarily the final silicon die and may not necessarily meet final electrical
specifications.
null Production version of the silicon die that is fully qualified.
Production devices have been characterized fully, and the quality and reliability of the devices have been
demonstrated fully. TI's standard warranty applies.
Predictions show that prototype devices (X or P) have a greater failure rate than the standard production
devices. Texas Instruments recommends that these devices not be used in any production system because their
expected end-use failure rate is still undefined. Only qualified production devices are to be used.
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the package type
(for example, RGZ).
For orderable part numbers of CC1404P devices in the RKP (5mm × 5mm) package type, see the Package
Option Addendum of this document, the Device Information in Section 3, the TI website (www.ti.com), or contact
your TI sales representative.
9.2 Tools and Software
The CC1404P device is supported by a variety of software and hardware development tools.
Software
The SDK includes a comprehensive software package for the CC1404P device, including the following protocol
stacks:
• TRX PropRF—CC140x host drivers and proprietary RF stack
• TI 15.4-Stack—an IEEE 802.15.4-based star networking solution for Sub-1GHz
• Wi-SUN—TI Wi-SUN FAN Stack
Development Tools
Code Composer Studio™ Integrated Development Environment (IDE)
Code Composer Studio is an integrated development environment (IDE) that supports TI's Microcontroller
and Embedded Processors portfolio. Code Composer Studio comprises a suite of tools used to develop and
debug embedded applications. It includes an optimizing C/C++ compiler, source code editor, project build
environment, debugger, profiler, and many other features. The intuitive IDE provides a single user interface
that takes you through each step of the application development flow. Familiar tools and interfaces allow
users to get started faster than ever before. Code Composer Studio combines the advantages of the Eclipse®
software framework with advanced embedded debug capabilities from TI, resulting in a compelling, feature-rich
development environment for embedded developers.
Code Composer Studio is free of charge when used in conjunction with the XDS debuggers included on a
LaunchPad + BoosterPack combination Development Kit.
www.ti.com
CC1404P
SWRS300 – SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: CC1404P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com