Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT101HDMI-A-RTP-V2 Datasheet (PDF) - Midas Components

MCT101HDMI-A-RTP-V2 Datasheet PDF - Midas Components
Part # MCT101HDMI-A-RTP-V2
Download  MCT101HDMI-A-RTP-V2 Download
File Size   2474.01 Kbytes
Page   13 Pages
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components
Description TFT Module

MCT101HDMI-A-RTP-V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCT101HDMI-A-RTP-V2 Datasheet PDF - Midas Components

Part # MCT101HDMI-A-RTP-V2
Download  MCT101HDMI-A-RTP-V2 Click to download

File Size   2474.01 Kbytes
Page   13 Pages
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components
Description TFT Module

MCT101HDMI-A-RTP-V2 Datasheet (HTML) - Midas Components


MCT101HDMI-A-RTP-V2 Product details

Display Features
Display Size 10.10”
Resolution 1280 x 800
Orientation Landscape
Appearance RGB
Logic Voltage 5V
Interface HDMI
Brightness 750 cd/m2
Touchscreen RTP
Module Size 230.56 x 155.01 x 28.40 mm
Operating Temperature -20°C ~ +70°C
Pinout
Pitch
---
---




Similar Part No. - MCT101HDMI-A-RTP-V2

ManufacturerPart #DatasheetDescription
logo
Midas Components
MCT101HDMI-A-RTP MIDASDISPLAYS-MCT101HDMI-A-RTP Datasheet
465Kb / 1P
Interconnect Board
Version: 1 16/04/2018
More results


Similar Description - MCT101HDMI-A-RTP-V2

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LQ10D131 SHARP-LQ10D131 Datasheet
1Mb / 19P
TFT - LCD MODULE
LQ035Q7DB03 SHARP-LQ035Q7DB03 Datasheet
506Kb / 24P
TFT LCD MODULE
LQ080V3DG01 SHARP-LQ080V3DG01 Datasheet
468Kb / 23P
TFT MODULE
LQ150X1LGN2A SHARP-LQ150X1LGN2A Datasheet
901Kb / 24P
TFT-LCD MODULE
LQ104S1DG21 SHARP-LQ104S1DG21 Datasheet
376Kb / 19P
TFT-LCD Module
LQ121S1LG41 SHARP-LQ121S1LG41 Datasheet
3Mb / 19P
TFT-LCD Module
LQ121S1LG61 SHARP-LQ121S1LG61 Datasheet
715Kb / 20P
TFT-LCD Module
LQ181E1LW31 SHARP-LQ181E1LW31 Datasheet
556Kb / 24P
TFT-LCD Module
LQ084S3DG01 SHARP-LQ084S3DG01 Datasheet
702Kb / 20P
TFT-LCD Module
LQ057Q3DC03 SHARP-LQ057Q3DC03 Datasheet
341Kb / 18P
TFT - LCD module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com