Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT101HDMI-A-RTP-V2 Datasheet(PDF) 8 Page - Midas Components

Part # MCT101HDMI-A-RTP-V2
Description  TFT Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MCT101HDMI-A-RTP-V2 Datasheet(HTML) 8 Page - Midas Components

Back Button MCT101HDMI-A-RTP-V2 Datasheet HTML 4Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 5Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 6Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 7Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 8Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 9Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 10Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 11Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 12Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Contour Drawing
The non-specified tolerance of dimension is ¡ Ó
0.3 mm .
6.4¡ Ó
0.3
R G B
1280 X RGB X 800
Pull tape
1.6(PCB)
28.40MAX
11.50MAX
6.60MAX
(8.64)
TP AA 217
8.66
TFT AA 216.96
8.14¡ Ó
0.5
TP VA 218
TP OUTLINE 228.34¡ Ó
0.2
TFT OUTLINE 230.56¡ Ó
0.3
1.68¡ Ó
0.5
9.0¡ Ó
0.5
9.0MAX
14.1MAX
Lcm Connector
40
The non-specified tolerance of dimension is ¡ Ó
0.3 mm .
1
2
3
5
6
4
9
8
10
11
7
1
13
14
12
15
16
17
19
18
RX2+
GND
RX2-
RX1+
GND
RX1-
RX0+
GND
RX0-
RXC+
GND
RXC-
NC
NC
SCL
SDA
GND
5V
Detect
2
3
5
4
1
5V
D-
D+
GND
NC
DVI
USB
2
3
1
5V
GND
NC
POWER JACK
1
(5V)
2
(GND)
DVI
1
19
CON5
1
40
40
1
CON6
No Component
J2
VLED+
VLED-
(26.21)
175.00¡ Ó
0.5(PCB)
227.9¡ Ó
0.5(PCB)
2.40¡ Ó
0.5
212.60
6.59
Pin Symbol
Pin Symbol
Pin Symbol
Hex Standoffs:
4-M3*P0.5
Hex Standoffs
SCALE:3/1
inner pin
2.0¡ Ó
0.1
inner hole
6.4
DVI A type
2
2
Down side pitch=0.5mm
5.00¡ Ó
0.1
M3 X P0.5
5.00
7.00¡ Ó
0.1
USB
1
5
MICRO USB B type
CON4
4
1
CON6
Pin Symbol Pin Symbol
1
3.3V
21
GPIO09
2
5V
22
GPIO25
3
GPIO02
23
GPIO11
4
5V
24
GPIO08
5
GPIO03
25
GND
6
GND
26
GPIO07
7
GPIO04
27
ID_SD
8
GPIO14
28
ID_SC
9
GND
29
GPIO05
10
GPIO15
30
GND
11
GPIO17
31
GPIO06
12
32
GPIO12
13
GPIO27
33
GPIO13
14
GND
34
GND
15
GPIO22
35
GPIO19
16
GPIO23
36
GPIO16
17
3.3V
37
GPIO26
18
GPIO24
38
GPIO20
19
GPIO10
39
GND
20
GND
40
GPIO21
CON5
Pin Symbol Pin Symbol
1
NC
21
GPIO09
2
5V
22
GPIO25
3
GPIO02
23
GPIO11
4
5V
24
GPIO08
5
GPIO03
25
GND
6
GND
26
GPIO07
7
GPIO04
27
ID_SD
8
GPIO14
28
ID_SC
9
GND
29
GPIO05
10
GPIO15
30
GND
11
GPIO17
31
GPIO06
12
32
GPIO12
13
GPIO27
33
GPIO13
14
GND
34
GND
15
GPIO22
35
GPIO19
16
GPIO23
36
GPIO16
17
NC
37
GPIO26
18
GPIO24
38
GPIO20
19
GPIO10
39
GND
20
GND
40
GPIO21
BL-PWM
(GPIO18)
BL-PWM
(GPIO18)
1
CON1
40
P
P
PO
O
OW
W
WE
E
ER
R
R-J
-J
-JA
A
AC
C
CK
K
K
50.91¡ Ó
0.5
72.60
Page 8 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com