Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT101HDMI-A-RTP-V2 Datasheet(PDF) 2 Page - Midas Components

Part # MCT101HDMI-A-RTP-V2
Description  TFT Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MCT101HDMI-A-RTP-V2 Datasheet(HTML) 2 Page - Midas Components

  MCT101HDMI-A-RTP-V2 Datasheet HTML 1Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 2Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 3Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 4Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 5Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 6Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 7Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 8Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Summary
TFT 10.1” is a color active matrix thin film transistor (TFT) liquid crystal display (LCD) that uses
amorphous silicon TFT as a switching device. This model is composed of a TFT LCD panel, a driving
circuit and a back light system. This TFT LCD has a 10.1 inch diagonally measured active
display area with HD (1280 horizontal by 800 vertical pixel) resolution.
General Specifications
Screen Diagonal: 10.1 inch
Number of Pixels: 1280 x 3(R GB) x 800 dots
Module dimension: 230.56 x 155.01 x 28.40 mm
Active area: 216.96 (H) x 135.6(V) mm
Pixel pitch: 0.1695 × 0.1695 mm
Display Mode: Normally Black , Transmissive
Viewing Angle: 80/80/80/80
Pixel Arrangement: R.G.B. Vertical Stripe
Backlight Type: LED,Normally White
Aspect Ratio: 16:10
Electrical Interface (Logic): HDMI(only for DVI)
RTP Interface: USB
With /Without TP: With RTP
Surface: Anti-Glare
*Color tone slight changed by temperature and driving voltage.
Page 2 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com