Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT101HDMI-A-RTP-V2 Datasheet(PDF) 10 Page - Midas Components

Part # MCT101HDMI-A-RTP-V2
Description  TFT Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MCT101HDMI-A-RTP-V2 Datasheet(HTML) 10 Page - Midas Components

Back Button MCT101HDMI-A-RTP-V2 Datasheet HTML 5Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 6Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 7Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 8Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 9Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 10Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 11Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 12Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 13Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Optical Characteristics
Item
Symbol
Condition.
Min
Typ.
Max.
Unit
Remark
Response time
Tr+ Tf
θ=0°、Φ=0°
-
25
35
.ms
Note 3
Contrast ratio
CR
At optimized
viewing angle 800 1000
-
-
Note 4
Color
Chromaticity
White
Wx
θ=0°、Φ=0
0.272 0.322 0.372
-
Note
2,6,7
Wy
0.294 0.344 0.394
-
Viewing angle
Hor.
ΘR
CR≧10
70
80
-
Deg.
Note 1
ΘL
70
80
-
Ver.
ΦT
70
80
-
ΦB
70
80
-
Brightness
-
-
700
750
-
cd/m2 Center of
display
Uniformity
(U)
-
70
-
-
%
Note 5
Ta=25±2℃
Note 1: Definition of viewing angle range
Fig. 8.1. Definition of viewing angle
Note 2: Test equipment setup:
After stabilizing and leaving the panel alone at a driven temperature for 10 minutes, the
measurement should be executed. Measurement should be executed in a stable, windless,
and dark room. Optical specifications are measured by Topcon BM-7 or BM-5 luminance
meter 1.0° field of view at a distance of 50cm and normal direction.
Page 10 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com