Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT101HDMI-A-RTP-V2 Datasheet(PDF) 1 Page - Midas Components

Part # MCT101HDMI-A-RTP-V2
Description  TFT Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MCT101HDMI-A-RTP-V2 Datasheet(HTML) 1 Page - Midas Components

  MCT101HDMI-A-RTP-V2 Datasheet HTML 1Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 2Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 3Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 4Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 5Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 6Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 7Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 8Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MCT101HDMI-A-RTP-V2
1280 x 800
TFT Module
Specification
Version: 1
Date: 13/04/2022
Revision
HDMI Interface
Display Accessories
Part Number
Description
Optional Variants
Appearances
Voltage
Display Features
Display Size
10.10”
Resolution
1280 x 800
Orientation
Landscape
Appearance
RGB
Logic Voltage
5V
Interface
HDMI
Brightness
750 cd/m2
Touchscreen
RTP
Module Size
230.56 x 155.01 x 28.40 mm
Operating Temperature
-20°C ~ +70°C
Box Quantity
Weight / Display
Pinout
---
---
1
11/04/2022
MCIB-HDMI/HDMI
Male To Male HDMI Connector
First issue
Pitch
---
---
MCIC-USB
USB-to-Micro USB interconnect
cable.
Sauls Wharf House
Crittens Road
Great Yarmouth
Norfolk
NR31 0AG
Telephone +44 (0)1493 602602
Email:sales@midasdisplays.com
Email:tech@midasdisplays.com
www.midasdisplays.com
Page 1 of 13
(MDT1010GIHR-HDMI-V2)


Similar Part No. - MCT101HDMI-A-RTP-V2

ManufacturerPart #DatasheetDescription
logo
Midas Components
MCT101HDMI-A-RTP MIDASDISPLAYS-MCT101HDMI-A-RTP Datasheet
465Kb / 1P
Interconnect Board
Version: 1 16/04/2018
More results

Similar Description - MCT101HDMI-A-RTP-V2

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LQ10D131 SHARP-LQ10D131 Datasheet
1Mb / 19P
TFT - LCD MODULE
LQ035Q7DB03 SHARP-LQ035Q7DB03 Datasheet
506Kb / 24P
TFT LCD MODULE
LQ080V3DG01 SHARP-LQ080V3DG01 Datasheet
468Kb / 23P
TFT MODULE
LQ150X1LGN2A SHARP-LQ150X1LGN2A Datasheet
901Kb / 24P
TFT-LCD MODULE
LQ104S1DG21 SHARP-LQ104S1DG21 Datasheet
376Kb / 19P
TFT-LCD Module
LQ121S1LG41 SHARP-LQ121S1LG41 Datasheet
3Mb / 19P
TFT-LCD Module
LQ121S1LG61 SHARP-LQ121S1LG61 Datasheet
715Kb / 20P
TFT-LCD Module
LQ181E1LW31 SHARP-LQ181E1LW31 Datasheet
556Kb / 24P
TFT-LCD Module
LQ084S3DG01 SHARP-LQ084S3DG01 Datasheet
702Kb / 20P
TFT-LCD Module
LQ057Q3DC03 SHARP-LQ057Q3DC03 Datasheet
341Kb / 18P
TFT - LCD module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com