Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT101HDMI-A-RTP-V2 Datasheet(PDF) 11 Page - Midas Components

Part # MCT101HDMI-A-RTP-V2
Description  TFT Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MCT101HDMI-A-RTP-V2 Datasheet(HTML) 11 Page - Midas Components

Back Button MCT101HDMI-A-RTP-V2 Datasheet HTML 5Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 6Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 7Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 8Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 9Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 10Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 11Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 12Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 13Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Fig. 8.2. Optical measurement system setup
Note 3: Definition of Response time:
The response time is defined as the LCD optical switching time interval between “White” state
and “Black” state. Rise time, Tr, is the time between photo detector output intensity changed
from 90%to 10%. And fall time, Tf, is the time between photo detector output intensity
changed from 10%to 90%
Black(TFT ON)
White(TFT OFF)
White(TFT OFF)
100%
90%
10%
0%
Display
Data
Note 4: Definition of contrast ratio:
The contrast ratio is defined as the following expression.
Luminance measured when LCD on the "White" state
Contrast ratio (CR) =
Luminance measured when LCD on the "Black" state
Page 11 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com