Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT101HDMI-A-RTP-V2 Datasheet(PDF) 4 Page - Midas Components

Part # MCT101HDMI-A-RTP-V2
Description  TFT Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MCT101HDMI-A-RTP-V2 Datasheet(HTML) 4 Page - Midas Components

  MCT101HDMI-A-RTP-V2 Datasheet HTML 1Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 2Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 3Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 4Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 5Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 6Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 7Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 8Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
31
GPIO06
Raspberry Pi:GPIO06
32
GPIO12
Raspberry Pi:GPIO12
33
GPIO13
Raspberry Pi:GPIO13
34
GND
Raspberry Pi:GND
35
GPIO19
Raspberry Pi:GPIO19
36
GPIO16
Raspberry Pi:GPIO16
37
GPIO26
Raspberry Pi:GPIO26
38
GPIO20
Raspberry Pi:GPIO20
39
GND
Raspberry Pi:GND
40
GPIO21
Raspberry Pi:GPIO21
Note1: The 3.3V supply current is limited; please pay special attention to use
2. CON5
Pin No.
Symbol
Function
Remark
1
NC
No connection
2
5V
Raspberry Pi:Power 5V
3
GPIO02
Raspberry Pi:GPIO02
4
5V
Raspberry Pi:Power 5V
5
GPIO03
Raspberry Pi:GPIO03
6
GND
Raspberry Pi:GND
7
GPIO04
Raspberry Pi:GPIO04
8
GPIO14
Raspberry Pi:GPIO14
9
GND
Raspberry Pi:GND
10
GPIO15
Raspberry Pi:GPIO15
11
GPIO17
Raspberry Pi:GPIO17
12
BL-PWM
(GPIO18)
Backlight Enable ,Active_L (Raspberry Pi:GPIO18)
Note 2
Note 3
13
GPIO27
Raspberry Pi:GPIO27
14
GND
Raspberry Pi:GND
15
GPIO22
Raspberry Pi:GPIO22
16
GPIO23
Raspberry Pi:GPIO23
17
NC
No connection
18
GPIO24
Raspberry Pi:GPIO24
19
GPIO10
Raspberry Pi:GPIO10
Page 4 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com