Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT101HDMI-A-RTP-V2 Datasheet(PDF) 9 Page - Midas Components

Part # MCT101HDMI-A-RTP-V2
Description  TFT Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MCT101HDMI-A-RTP-V2 Datasheet(HTML) 9 Page - Midas Components

Back Button MCT101HDMI-A-RTP-V2 Datasheet HTML 5Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 6Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 7Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 8Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 9Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 10Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 11Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 12Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 13Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Absolute Maximum Ratings
Item
Symbol
Min
Typ
Max
Unit
Operating Temperature
TOP
-20
-
+70
℃
Storage Temperature
TST
-30
-
+80
℃
Note: Device is subject to be damaged permanently if stresses beyond those absolute
maximum ratings listed above
1.
Temp.
≦60℃,90%RHMAX.Temp.>60℃,Absolutehumidityshallbelessthan90%
RH at 60
℃
Electrical Characteristics
1. Operating conditions:
Item
Symbol Condition
Min
Typ
Max
Unit
Remark
Supply Voltage For LCM
VDD
-
4.9
5
5.1
V
-
Supply Current For LCM
IDD
-
-
1.7
2.6
A
Note 1
LED life time
-
-
50000
-
-
Hr
Note 4
Note 1 : This value is test for VDD =5.0V , Ta=25℃ only
Note 2 : Please make sure to support enough current
Note3 : Touch Panel driver is base on the mouse driver program and through USB port
connect to PC or embedded board.Can only support the single touch.
Note 4: The “LED life time” is defined as the module brightness decrease to 50% original
brightness at Ta=25℃ and IL =480mA. The LED lifetime could be decreased if operating IL is
lager than 480mA.
Page 9 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com